Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5008CUB Datasheet (PDF) - Maxim Integrated Products

MAX5008CUB Datasheet PDF - Maxim Integrated Products
Part # MAX5008CUB
Download  MAX5008CUB Download
File Size   225.31 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Regulated 5V USB Charge Pump with Programmable Current Limit

MAX5008CUB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5008CUB Datasheet PDF - Maxim Integrated Products

Part # MAX5008CUB
Download  MAX5008CUB Click to download

File Size   225.31 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Regulated 5V USB Charge Pump with Programmable Current Limit

MAX5008CUB Datasheet (HTML) - Maxim Integrated Products


MAX5008CUB Product details

General Description
The MAX5008 charge-pump regulator generates a regulated 5V output up to 125mA with a 2.95V to 5.5V input voltage range. The device includes resistor-programmable overcurrent limit. The MAX5008 requires a minimum number of external components for normal operation. The high 1MHz switching frequency allows the use of small surface-mount ceramic capacitors.

Features
♦ Regulated 5V Output Up to 125mA
♦ Indefinite Short-Circuit Protection
♦ Adjustable Output Current Limit
♦ No Inductors Required
♦ 0.1µA Shutdown Current
♦ Thermal Shutdown
♦ Fault Output Indicates Overcurrent or Output Voltage Out of Regulation
♦ 2.95V to 5.5V Input Voltage Range
♦ 10-Pin µMAX Package

Applications
Flash Memory Supplies
USB Host Devices
Battery-Powered Systems
3.3V to 5V Local Conversion




Similar Part No. - MAX5008CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX500 MAXIM-MAX500 Datasheet
127Kb / 12P
CMOS, Quad, Serial-Interface 8-Bit DAC
Rev 2; 2/96
MAX5003 MAXIM-MAX5003 Datasheet
170Kb / 16P
High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003 MAXIM-MAX5003 Datasheet
119Kb / 5P
Evaluation Kit
Rev 1; 1/01
MAX5003C/D MAXIM-MAX5003C/D Datasheet
170Kb / 16P
High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003CEE MAXIM-MAX5003CEE Datasheet
170Kb / 16P
High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
More results


Similar Description - MAX5008CUB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
DC-DC CONVERTER REGULATED 5V CHARGE PUMP
May-2001
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
USB OTG 5V Charge Pump
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
Regulated 5V Charge Pump In SOT-23
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
Regulated Charge Pump 5V 100mA
logo
Analog Intergrations Co...
AIC1848 AIC-AIC1848 Datasheet
336Kb / 10P
Regulated 5V Charge Pump In SOT-23
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
Regulated 5V Charge Pump
logo
Linear Technology
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com