Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1615-Z Datasheet (PDF) - Renesas Technology Corp

1615-Z Datasheet PDF - Renesas Technology Corp
Part # 1615-Z
Download  1615-Z Download
File Size   238.5 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER TRANSISTOR

1615-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
1615-Z Datasheet PDF - Renesas Technology Corp

Part # 1615-Z
Download  1615-Z Click to download

File Size   238.5 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER TRANSISTOR

1615-Z Datasheet (HTML) - Renesas Technology Corp


1615-Z Product details

PNP SILICON EPITAXIAL TRANSISTOR
FOR HIGH-SPEED SWITCHING

DESCRIPTION
The 2SA1615 and 1615-Z are available for the large current control in small dimension due to the low saturation and are
ideal for high-efficiency DC/DC converters due to the fast switching speed.
FEATURES
• Large current capacity:
IC(DC) = −10 A, IC(pulse) = −15 A
• High hFE and low collector saturation voltage:
hFE = 200 MIN. (VCE = −2.0 V, IC = −0.5 A)
VCE(sat) ≤ −0.25 V (IC = −4.0 A, IB = −0.05 A)




Similar Part No. - 1615-Z

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1615-20 ANAREN-1615-20 Datasheet
115Kb / 2P
RoHS Compliant
1615-30 ANAREN-1615-30 Datasheet
123Kb / 2P
RoHS Compliant
logo
IET Labs Inc.
1615-A IET-1615-A Datasheet
240Kb / 4P
Precision Capacitance Measurement System
More results


Similar Description - 1615-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
Silicon Power Transistor
logo
Comset Semiconductor
BDT82 COMSET-BDT82 Datasheet
359Kb / 3P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
SILICON POWER TRANSISTOR
2SA1412-Z RENESAS-2SA1412-Z Datasheet
785Kb / 6P
SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
SILICON POWER TRANSISTOR
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
SILICON POWER TRANSISTOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com