Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBA1E Datasheet (PDF) - TRACO Electronic AG

TBA1E Datasheet PDF - TRACO Electronic AG
Part # TBA1E
Download  TBA1E Download
File Size   1017.07 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TBA 1E Series, 1 Watt

TBA1E Datasheet (PDF)

Go To PDF Page Download Datasheet
TBA1E Datasheet PDF - TRACO Electronic AG

Part # TBA1E
Download  TBA1E Click to download

File Size   1017.07 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TBA 1E Series, 1 Watt

TBA1E Datasheet (HTML) - TRACO Electronic AG


TBA1E Product details

• Continuous short circuit protection
• I/O isolation: 1'060 VAC
• Operating temperature range
-40 to +85 °C without derating
• Input voltage ranges (±10%):
5, 12, 24 VDC
• High efficiency up to 82%
• SIP-7 package
• Unregulated outputs
• 3-year product warranty




Similar Part No. - TBA1E

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TBA1 TRACOPOWER-TBA1 Datasheet
818Kb / 4P
DC/DC Converter TBA 1 Series, 1 Watt
Rev. November 30, 2022
TBA1-0310 TRACOPOWER-TBA1-0310 Datasheet
818Kb / 4P
DC/DC Converter TBA 1 Series, 1 Watt
Rev. November 30, 2022
TBA1-0311 TRACOPOWER-TBA1-0311 Datasheet
818Kb / 4P
DC/DC Converter TBA 1 Series, 1 Watt
Rev. November 30, 2022
TBA1-0510 TRACOPOWER-TBA1-0510 Datasheet
818Kb / 4P
DC/DC Converter TBA 1 Series, 1 Watt
Rev. November 30, 2022
TBA1-0511 TRACOPOWER-TBA1-0511 Datasheet
818Kb / 4P
DC/DC Converter TBA 1 Series, 1 Watt
Rev. November 30, 2022
More results


Similar Description - TBA1E

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
1 Watt | DC-DC Converter
logo
TRACO Electronic AG
TBA1 TRACOPOWER-TBA1 Datasheet
818Kb / 4P
DC/DC Converter TBA 1 Series, 1 Watt
Rev. November 30, 2022
TBA1HI TRACOPOWER-TBA1HI Datasheet
800Kb / 4P
DC/DC Converter TBA 1HI Series, 1 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com