Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEC3WI Datasheet (PDF) - TRACO Electronic AG

TEC3WI Datasheet PDF - TRACO Electronic AG
Part # TEC3WI
Download  TEC3WI Download
File Size   870.53 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEC 3WI Series, 3 Watt

TEC3WI Datasheet (PDF)

Go To PDF Page Download Datasheet
TEC3WI Datasheet PDF - TRACO Electronic AG

Part # TEC3WI
Download  TEC3WI Click to download

File Size   870.53 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEC 3WI Series, 3 Watt

TEC3WI Datasheet (HTML) - TRACO Electronic AG


TEC3WI Product details

• Compact SIP-8 package
• I/O-isolation voltage 1‘600 VDC
• Ultra-wide 4:1 input voltage range
• Fully regulated outputs
• Operating temperature range –40°C to
+ 90°C
• Continuous short circuit protection
• Remote On/Off
• 3-year product warranty
• Designed to meet UL 62368-1




Similar Part No. - TEC3WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEC3 TRACOPOWER-TEC3 Datasheet
925Kb / 4P
TEC 3 Series, 3 Watt
Rev. November 30, 2022
TEC3-0910 TRACOPOWER-TEC3-0910 Datasheet
925Kb / 4P
TEC 3 Series, 3 Watt
Rev. November 30, 2022
TEC3-0911 TRACOPOWER-TEC3-0911 Datasheet
925Kb / 4P
TEC 3 Series, 3 Watt
Rev. November 30, 2022
TEC3-0912 TRACOPOWER-TEC3-0912 Datasheet
925Kb / 4P
TEC 3 Series, 3 Watt
Rev. November 30, 2022
TEC3-0913 TRACOPOWER-TEC3-0913 Datasheet
925Kb / 4P
TEC 3 Series, 3 Watt
Rev. November 30, 2022
More results


Similar Description - TEC3WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TDN3WI TRACOPOWER-TDN3WI Datasheet
806Kb / 4P
TDN 3WI Series, 3 Watt
Rev. November 30, 2022
TDR3WI TRACOPOWER-TDR3WI Datasheet
892Kb / 4P
TDR 3WI Series, 3 Watt
Rev. November 30, 2022
TEC3 TRACOPOWER-TEC3 Datasheet
925Kb / 4P
TEC 3 Series, 3 Watt
Rev. November 30, 2022
TES3WI TRACOPOWER-TES3WI Datasheet
779Kb / 4P
TES 3WI Series, 3 Watt
Rev. November 30, 2022
THM3WI TRACOPOWER-THM3WI Datasheet
977Kb / 5P
DC/DC Medical Converter THM 3WI Series, 3 Watt
Rev. November 30, 2022
THR3WI TRACOPOWER-THR3WI Datasheet
882Kb / 4P
DC/DC Converter THR 3WI Series, 3 Watt
Rev. November 30, 2022
TMR3WI TRACOPOWER-TMR3WI Datasheet
974Kb / 4P
DC/DC Converter TMR 3WI Series, 3 Watt
Rev. November 30, 2022
TEN3WI TRACOPOWER-TEN3WI Datasheet
219Kb / 3P
DC/DC Converters TEN 3WI Series, 3 Watt
Rev. February 20, 2023
THL3WI TRACOPOWER-THL3WI Datasheet
272Kb / 3P
DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
THL3WISM TRACOPOWER-THL3WISM Datasheet
272Kb / 3P
DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com