Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEN20WIR Datasheet (PDF) - TRACO Electronic AG

TEN20WIR Datasheet PDF - TRACO Electronic AG
Part # TEN20WIR
Download  TEN20WIR Download
File Size   908.08 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 20WIR Series, 20 Watt

TEN20WIR Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN20WIR Datasheet PDF - TRACO Electronic AG

Part # TEN20WIR
Download  TEN20WIR Click to download

File Size   908.08 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 20WIR Series, 20 Watt

TEN20WIR Datasheet (HTML) - TRACO Electronic AG


TEN20WIR Product details

• 2" x 1" x 0.4" metal package
• Ultra wide 4:1 input voltage range
9–36, 18–75, 43–160 VDC
• EN 50155 approval for railway
applications
• Thermal shock and vibration resistant
according EN 61373
• Input filter meets EN 55032 class B
without external components
• High efficiency up to 89%
• Operating temperature range
–40°C to +85°C
• Under voltage lock-out circuit
• Remote On/Off and
Output voltage adjustable
• 3-year product warranty




Similar Part No. - TEN20WIR

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN20WIRH TRACOPOWER-TEN20WIRH Datasheet
958Kb / 5P
TEN 20WIRH Series, 20 Watt
Rev. November 30, 2022
More results


Similar Description - TEN20WIR

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
TEN20WIN TRACOPOWER-TEN20WIN Datasheet
904Kb / 5P
TEN 20WIN Series, 20 Watt
Rev. November 30, 2022
TEN20WIRH TRACOPOWER-TEN20WIRH Datasheet
958Kb / 5P
TEN 20WIRH Series, 20 Watt
Rev. November 30, 2022
TEN30 TRACOPOWER-TEN30 Datasheet
903Kb / 5P
TEN 30 Series, 30 Watt
Rev. November 30, 2022
TEN3WIN TRACOPOWER-TEN3WIN Datasheet
921Kb / 4P
TEN 3WIN Series, 3 Watt
Rev. Januaryy 19, 2023
TEN40WIE TRACOPOWER-TEN40WIE Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEQ20WIR TRACOPOWER-TEQ20WIR Datasheet
967Kb / 4P
TEQ 20WIR Series, 20 Watt
Rev. March 16, 2023
THN20WIR TRACOPOWER-THN20WIR Datasheet
931Kb / 5P
DC/DC Railway Converter THN 20WIR Series, 20 Watt
Rev. November 30, 2022
TEN20 TRACOPOWER-TEN20 Datasheet
266Kb / 3P
DC/DC Converters TEN 20 Series, 20 Watt
Rev. March 17, 2022
TEN20WI TRACOPOWER-TEN20WI Datasheet
645Kb / 6P
DC/DC Converters TEN 20WI Series, 20 Watt
Rev. May 7, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com