Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEP200WIR Datasheet (PDF) - TRACO Electronic AG

TEP200WIR Datasheet PDF - TRACO Electronic AG
Part # TEP200WIR
Download  TEP200WIR Download
File Size   1220.26 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEP 200WIR Series, 200 Watt

TEP200WIR Datasheet (PDF)

Go To PDF Page Download Datasheet
TEP200WIR Datasheet PDF - TRACO Electronic AG

Part # TEP200WIR
Download  TEP200WIR Click to download

File Size   1220.26 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEP 200WIR Series, 200 Watt

TEP200WIR Datasheet (HTML) - TRACO Electronic AG


TEP200WIR Product details

• Compact metal package
• Ultra wide 4:1 input voltage ranges
9–36, 18–75, 43–160 VDC
• EN 50155 approval for railway
applications
• Very high efficiency up to 91%
• No minimum load
• Soft start
• Under voltage lock-out circuit
• Adjustable output voltage +10 / -20%
• Sense line




Similar Part No. - TEP200WIR

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEP200WIRCM TRACOPOWER-TEP200WIRCM Datasheet
1Mb / 5P
TEP 200WIRCM Series, 200 Watt
Rev. February 1, 2023
TEP200WIRCMF TRACOPOWER-TEP200WIRCMF Datasheet
1Mb / 6P
TEP 200WIRCMF Series, 200 Watt
Rev. November 30, 2022
More results


Similar Description - TEP200WIR

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEP100CM TRACOPOWER-TEP100CM Datasheet
1Mb / 5P
TEP 100CM Series, 100 Watt
Rev. March 16, 2023
TEP100WIRCMF TRACOPOWER-TEP100WIRCMF Datasheet
1Mb / 5P
TEP 100WIRCMF Series, 100 Watt
Rev. March 16, 2023
TEP160 TRACOPOWER-TEP160 Datasheet
1Mb / 5P
TEP 160 Series, 160 Watt
Rev. November 30, 2022
TEP160WIR TRACOPOWER-TEP160WIR Datasheet
1Mb / 5P
TEP 160WIR Series, 160 Watt
Rev. November 30, 2022
TEP160WIRCMF TRACOPOWER-TEP160WIRCMF Datasheet
1Mb / 5P
TEP 160WIRCMF Series, 160 Watt
Rev. November 30, 2022
TEP200UIR TRACOPOWER-TEP200UIR Datasheet
1,007Kb / 5P
TEP 200UIR Series, 200 Watt
Rev. January 23, 2023
TEP200WIRCM TRACOPOWER-TEP200WIRCM Datasheet
1Mb / 5P
TEP 200WIRCM Series, 200 Watt
Rev. February 1, 2023
TEP200WIRCMF TRACOPOWER-TEP200WIRCMF Datasheet
1Mb / 6P
TEP 200WIRCMF Series, 200 Watt
Rev. November 30, 2022
TEP75WICMF TRACOPOWER-TEP75WICMF Datasheet
1Mb / 5P
TEP 75WICMF Series, 75 Watt
Rev. March 16, 2023
TEQ200WIR TRACOPOWER-TEQ200WIR Datasheet
1Mb / 4P
TEQ 200WIR Series, 200 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com