Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THD12 Datasheet (PDF) - TRACO Electronic AG

THD12 Datasheet PDF - TRACO Electronic AG
Part # THD12
Download  THD12 Download
File Size   919.86 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THD 12 Series, 12 Watt

THD12 Datasheet (PDF)

Go To PDF Page Download Datasheet
THD12 Datasheet PDF - TRACO Electronic AG

Part # THD12
Download  THD12 Click to download

File Size   919.86 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THD 12 Series, 12 Watt

THD12 Datasheet (HTML) - TRACO Electronic AG


THD12 Product details

• Wide 2:1 input range
• Very high efficiency up to 88%
• I/O isolation 1500V
• Input filter meets EN 55032, class A
• Remote On/Off
• Under voltage lock-out circuit
• Shielded metal case with insulated
Baseplate
• Continuous short-circuit protection
• Operating temp. range –40°C to +85°C
(with derating)
• 3-year product warranty




Similar Part No. - THD12

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THD12-2410WI TRACOPOWER-THD12-2410WI Datasheet
926Kb / 4P
DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
THD12-2411WI TRACOPOWER-THD12-2411WI Datasheet
926Kb / 4P
DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
THD12-2412WI TRACOPOWER-THD12-2412WI Datasheet
926Kb / 4P
DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
THD12-2413WI TRACOPOWER-THD12-2413WI Datasheet
926Kb / 4P
DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
THD12-2421WI TRACOPOWER-THD12-2421WI Datasheet
926Kb / 4P
DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
More results


Similar Description - THD12

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM12TW-Z AIMTEC-AM12TW-Z Datasheet
381Kb / 4P
12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z Datasheet
348Kb / 3P
12 Watt | DC-DC Converter
AM12E-FZ AIMTEC-AM12E-FZ Datasheet
328Kb / 4P
12 Watt | DC-DC Converter
AM12TW-Z AIMTEC-AM12TW-Z_13 Datasheet
283Kb / 4P
12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z_13 Datasheet
350Kb / 3P
12 Watt | DC-DC Converter
logo
Wall Industries,Inc.
RJW WALL-RJW Datasheet
143Kb / 2P
12 Watt DC/DC Converter
logo
TRACO Electronic AG
THD10WIN TRACOPOWER-THD10WIN Datasheet
952Kb / 4P
DC/DC Converter THD 10WIN Series, 10 Watt
Rev. February 13, 2023
THD12WI TRACOPOWER-THD12WI Datasheet
926Kb / 4P
DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
THD15N TRACOPOWER-THD15N Datasheet
913Kb / 4P
DC/DC Converter THD 15N Series, 15 Watt
Rev. November 30, 2022
TMR12WI TRACOPOWER-TMR12WI Datasheet
908Kb / 5P
DC/DC Converter TMR 12WI Series, 12 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com