Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THN-HS1 Datasheet (PDF) - TRACO Electronic AG

THN-HS1 Datasheet PDF - TRACO Electronic AG
Part # THN-HS1
Download  THN-HS1 Download
File Size   921.56 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 15N Series, 15 Watt

THN-HS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
THN-HS1 Datasheet PDF - TRACO Electronic AG

Part # THN-HS1
Download  THN-HS1 Click to download

File Size   921.56 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 15N Series, 15 Watt

THN-HS1 Datasheet (HTML) - TRACO Electronic AG


THN-HS1 Product details

• 15 Watt converter in a compact
1.0" x 1.0" metal package
• Wide 2:1 input voltage:
9-18, 18-36, 36-75 VDC
• Internal EN 55032 class A filter
• Operating temperature range
-40 to +70 °C without derating
• Low no-load power consumption
96-336 mW
• High efficiency up to 91%
• I/O-isolation voltage 1600 VDC
• Protection against overload,
overvoltage and short circuit
• Remote On/Off and Trim function
• 3-year product warranty




Similar Part No. - THN-HS1

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THN-HS1 TRACOPOWER-THN-HS1 Datasheet
349Kb / 1P
Heat Sink
Rev. November 30, 2022
THN-HS1 TRACOPOWER-THN-HS1 Datasheet
907Kb / 4P
DC/DC Converter THN 30WI Series, 30 Watt
Rev. November 30, 2022
THN-HS1 TRACOPOWER-THN-HS1 Datasheet
918Kb / 4P
DC/DC Converter THN 30 Series, 30 Watt
Rev. November 30, 2022
THN-HS1 TRACOPOWER-THN-HS1 Datasheet
890Kb / 4P
DC/DC Converter THN 20WI Series, 20 Watt
Rev. November 30, 2022
THN-HS1 TRACOPOWER-THN-HS1 Datasheet
908Kb / 5P
DC/DC Converter THN 20 Series, 20 Watt
Rev. November 30, 2022
More results


Similar Description - THN-HS1

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THD15N TRACOPOWER-THD15N Datasheet
913Kb / 4P
DC/DC Converter THD 15N Series, 15 Watt
Rev. November 30, 2022
THN10WIR TRACOPOWER-THN10WIR Datasheet
905Kb / 5P
DC/DC Railway Converter THN 10WIR Series, 10 Watt
Rev. November 30, 2022
THN15 TRACOPOWER-THN15 Datasheet
919Kb / 5P
DC/DC Converter THN 15 Series, 15 Watt
Rev. November 30, 2022
THN15WI TRACOPOWER-THN15WI Datasheet
877Kb / 4P
DC/DC Converter THN 15WI Series, 15 Watt
Rev. February 9, 2023
THN15WIR TRACOPOWER-THN15WIR Datasheet
906Kb / 5P
DC/DC Railway Converter THN 15WIR Series, 15 Watt
Rev. November 30, 2022
THN20WI TRACOPOWER-THN20WI Datasheet
890Kb / 4P
DC/DC Converter THN 20WI Series, 20 Watt
Rev. November 30, 2022
THN20WIR TRACOPOWER-THN20WIR Datasheet
931Kb / 5P
DC/DC Railway Converter THN 20WIR Series, 20 Watt
Rev. November 30, 2022
THN30 TRACOPOWER-THN30 Datasheet
918Kb / 4P
DC/DC Converter THN 30 Series, 30 Watt
Rev. November 30, 2022
THN30WI TRACOPOWER-THN30WI Datasheet
907Kb / 4P
DC/DC Converter THN 30WI Series, 30 Watt
Rev. November 30, 2022
THN30WIR TRACOPOWER-THN30WIR Datasheet
941Kb / 6P
DC/DC Railway Converter THN 30WIR Series, 30 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com