Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMR1 Datasheet (PDF) - TRACO Electronic AG

TMR1 Datasheet PDF - TRACO Electronic AG
Part # TMR1
Download  TMR1 Download
File Size   869.23 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TMR 1 Series, 1 Watt

TMR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMR1 Datasheet PDF - TRACO Electronic AG

Part # TMR1
Download  TMR1 Click to download

File Size   869.23 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TMR 1 Series, 1 Watt

TMR1 Datasheet (HTML) - TRACO Electronic AG


TMR1 Product details

• Wide 2:1 input voltage range
• Compact SIP-6 package
• Fully regulated outputs
• Cost optimised design
• No minimum load required
• Continuous short circuit protection
• Temperature range –40°C to +95°C
• I/O isolation 1500 VDC
• 3-year product warranty




Similar Part No. - TMR1

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMR1-0511SM TRACOPOWER-TMR1-0511SM Datasheet
909Kb / 4P
DC/DC Converter TMR 1SM Series, 1 Watt
Rev. November 30, 2022
TMR1-0512SM TRACOPOWER-TMR1-0512SM Datasheet
909Kb / 4P
DC/DC Converter TMR 1SM Series, 1 Watt
Rev. November 30, 2022
TMR1-0513SM TRACOPOWER-TMR1-0513SM Datasheet
909Kb / 4P
DC/DC Converter TMR 1SM Series, 1 Watt
Rev. November 30, 2022
TMR1-0522SM TRACOPOWER-TMR1-0522SM Datasheet
909Kb / 4P
DC/DC Converter TMR 1SM Series, 1 Watt
Rev. November 30, 2022
TMR1-0523SM TRACOPOWER-TMR1-0523SM Datasheet
909Kb / 4P
DC/DC Converter TMR 1SM Series, 1 Watt
Rev. November 30, 2022
More results


Similar Description - TMR1

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
1 Watt | DC-DC Converter
logo
TRACO Electronic AG
TBA1 TRACOPOWER-TBA1 Datasheet
818Kb / 4P
DC/DC Converter TBA 1 Series, 1 Watt
Rev. November 30, 2022
TMR1SM TRACOPOWER-TMR1SM Datasheet
909Kb / 4P
DC/DC Converter TMR 1SM Series, 1 Watt
Rev. November 30, 2022
TRN1 TRACOPOWER-TRN1 Datasheet
801Kb / 4P
DC/DC Converter TRN 1 Series, 1 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com