Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMW24 Datasheet (PDF) - TRACO Electronic AG

TMW24 Datasheet PDF - TRACO Electronic AG
Part # TMW24
Download  TMW24 Download
File Size   996.5 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TMW 24 Series, 24 Watt

TMW24 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMW24 Datasheet PDF - TRACO Electronic AG

Part # TMW24
Download  TMW24 Click to download

File Size   996.5 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TMW 24 Series, 24 Watt

TMW24 Datasheet (HTML) - TRACO Electronic AG


TMW24 Product details

• Fully encapsulated, dust resistant, and
waterproof (IP68 certified)
• Operating temperature range –20° to
+80°C
• Mountable in wall outlet boxes, with
flying leads
• Screw mountable on wood and inside
furniture
• Safety approval IEC/EN 62368-1 and
IEC/EN 60335-1
• 2xMOPP certified according to IEC/EN
60601-1 3rd edition
• Leakage current < 100 μA for
body-floating (BF) applications
• I/O isolation 4000 VAC (reinforced)
• Short-circuit protection (SCP),
overvoltage protection (OVP) and
overtemperature protection (OTP)
• 5-year product warranty




Similar Part No. - TMW24

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMW24-105P TRACOPOWER-TMW24-105P Datasheet
1Mb / 5P
AC/DC Medical Power Supply TMW 24P Series, 24 Watt
Rev. November 30, 2022
TMW24-112P TRACOPOWER-TMW24-112P Datasheet
1Mb / 5P
AC/DC Medical Power Supply TMW 24P Series, 24 Watt
Rev. November 30, 2022
TMW24-124P TRACOPOWER-TMW24-124P Datasheet
1Mb / 5P
AC/DC Medical Power Supply TMW 24P Series, 24 Watt
Rev. November 30, 2022
TMW24P TRACOPOWER-TMW24P Datasheet
1Mb / 5P
AC/DC Medical Power Supply TMW 24P Series, 24 Watt
Rev. November 30, 2022
More results


Similar Description - TMW24

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TRM24 TRUMPOWER-TRM24 Datasheet
127Kb / 1P
12-24 Watt Medical Power Adapters
logo
ETA-USA
ZMB65-SX-W6 ETA-USA-ZMB65-SX-W6 Datasheet
1Mb / 2P
65 Watt AC/DC Medical Power Supply
logo
TRACO Electronic AG
TIW24 TRACOPOWER-TIW24 Datasheet
1Mb / 4P
AC/DC Power Supply TIW 24 Series, 24 Watt
Rev. November 30, 2022
TMF05 TRACOPOWER-TMF05 Datasheet
2Mb / 4P
AC/DC Medical Power Supply TMF 05 Series, 5 Watt
Rev. January 25, 2023
TMM24 TRACOPOWER-TMM24 Datasheet
1Mb / 5P
AC/DC Power Supply TMM 24 Series, 24 Watt
Rev. March 16, 2023
TMM24C TRACOPOWER-TMM24C Datasheet
1Mb / 5P
AC/DC Power Supply TMM 24C Series, 24 Watt
Rev. March 16, 2023
TMW24P TRACOPOWER-TMW24P Datasheet
1Mb / 5P
AC/DC Medical Power Supply TMW 24P Series, 24 Watt
Rev. November 30, 2022
TMW36 TRACOPOWER-TMW36 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TMW 36 Series, 36 Watt
Rev. November 30, 2022
TMW36P TRACOPOWER-TMW36P Datasheet
1Mb / 5P
AC/DC Medical Power Supply TMW 36P Series, 36 Watt
Rev. November 30, 2022
TPP450A TRACOPOWER-TPP450A Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 450A Series, 450 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com