Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05BD7 Datasheet (PDF) - NXP Semiconductors

68HC05BD7 Datasheet PDF - NXP Semiconductors
Part # 68HC05BD7
Download  68HC05BD7 Download
File Size   963.58 Kbytes
Page   85 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description This 8-bit microcontroller unit (MCU) contains an on-chip oscillator, CPU, RAM,ROM, DDC12AB module, parallel I/O, Pulse Width Modulator, Multi-Function Timer, 6-bit ADC, and SYNC Processor

68HC05BD7 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC05BD7 Datasheet PDF - NXP Semiconductors

Part # 68HC05BD7
Download  68HC05BD7 Click to download

File Size   963.58 Kbytes
Page   85 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description This 8-bit microcontroller unit (MCU) contains an on-chip oscillator, CPU, RAM,ROM, DDC12AB module, parallel I/O, Pulse Width Modulator, Multi-Function Timer, 6-bit ADC, and SYNC Processor

68HC05BD7 Datasheet (HTML) - NXP Semiconductors


68HC05BD7 Product details

GENERAL DESCRIPTION
The MC68HC05BD7 HCMOS microcontroller is a member of the M68HC05 Family of lowcost
single-chip microcontrollers. It is particularly suitable as multi-sync computer monitor
controller. This 8-bit microcontroller unit (MCU) contains an on-chip oscillator, CPU, RAM,
ROM, DDC12AB module, parallel I/O, Pulse Width Modulator, Multi-Function Timer, 6-bit
ADC, and SYNC Processor.

Features
• HC05 Core
• Low cost, HCMOS technology
• 40-pin DIP and 42-pin SDIP packages
• 256 Bytes of RAM for HC05BD2
• 384 Bytes of RAM for HC05BD7HC705BD7
• 5.75K-Bytes of User ROM for HC05BD2
• 11.75K-Bytes of User ROM for HC05BD7
• 11.5K-Bytes of User EPROM for HC705BD7
• 26 Bidirectional I/O lines: 14 dedicated and 12 multiplexed I/O lines. 4 of
the 14 dedicated I/O lines and 6 of the 12 multiplexed I/O lines have max.
+12V or +5V open-drain output buffers
• 16 x 8-bit PWM channels: Two 8-bit PWM channels have +12V opendrain
outputs: 8 dedicated 8-bit PWM channels have +5V open-drain
output options
• 6-bit ADC with 4 selectable input channels
• Multi-Function Timer (MFT) with Periodic Interrupt
• Sync Signal Processor module for processing horizontal, vertical,
composite, and SOG SYNC signals; frequency counting; polarity
detection; polarity controlled HSYNO and VSYNO or extracted VSYNC
outputs, and CLAMP pulse output
• DDC12AB† module contains DDC1 hardware and multi-master I2C††
hardware for DDC2AB protocol
• Software maskable Edge-Sensitive or Edge and Level-Sensitive External
Interrupt
• COP watchdog Reset
• Power-On Reset
• Power Saving WAIT Mode; STOP Mode not implemented
• Similar to MC6800
• 8 X 8 unsigned multiply instruction
• Efficient use of program space
• Versatile interrupt handling
• Software programmable external interrupt options
• True bit manipulation
• Addressing modes with indexed addressing for tables
• Efficient instruction set
• Memory mapped I/O
• Upward software compatible with the MC146805 CMOS family




Similar Part No. - 68HC05BD7

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
68HC05BD7 FREESCALE-68HC05BD7 Datasheet
680Kb / 85P
SPECIFICATION REV 2.0 (General Release)
More results


Similar Description - 68HC05BD7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7272 STMICROELECTRONICS-ST7272 Datasheet
6Mb / 119P
8-BIT MCU WITH 24K ROM, EEPROM,ADC,PWM/BRM DACs,SYNC PROCESSOR,EWPCC,TIMER AND DDC INTERFACE
May-1996
ST72752 STMICROELECTRONICS-ST72752 Datasheet
57Kb / 3P
8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
Apr-1998
ST72753 STMICROELECTRONICS-ST72753 Datasheet
64Kb / 3P
8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
Apr-1998
logo
Sanyo Semicon Device
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
logo
Zilog, Inc.
Z0803606 ZILOG-Z0803606 Datasheet
1Mb / 27P
Counter/Timer and Parallel I/O Unit
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com