Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPI150A Datasheet (PDF) - TRACO Electronic AG

TPI150A Datasheet PDF - TRACO Electronic AG
Part # TPI150A
Download  TPI150A Download
File Size   1082.6 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Industrial Power Supply TPI 150A Series, 150 Watt

TPI150A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPI150A Datasheet PDF - TRACO Electronic AG

Part # TPI150A
Download  TPI150A Click to download

File Size   1082.6 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Industrial Power Supply TPI 150A Series, 150 Watt

TPI150A Datasheet (HTML) - TRACO Electronic AG


TPI150A Product details

• Highest power density 150 W open
frame power supply in 2” x 4” package
• I/O reinforced isolation 3000 VDC
• Ready to meet ErP directive, < 0.3 W no
load power consumption
• Highest efficiency 91 - 92% across 10%
- 100% load range
• Active power factor correction > 95
• Protection class II prepared
• Operating up to 5000 m altitude
• Adjustable output voltage
• 3-year product warranty




Similar Part No. - TPI150A

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPI100-112A-J TRACOPOWER-TPI100-112A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-115A-J TRACOPOWER-TPI100-115A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-124A-J TRACOPOWER-TPI100-124A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-128A-J TRACOPOWER-TPI100-128A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-136A-J TRACOPOWER-TPI100-136A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
More results


Similar Description - TPI150A

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPI100A TRACOPOWER-TPI100A Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI125A-J TRACOPOWER-TPI125A-J Datasheet
1Mb / 4P
AC/DC Power Supply TPI 125A-J Series, 125 Watt
Rev. March 16, 2023
TPI180-M TRACOPOWER-TPI180-M Datasheet
1Mb / 5P
AC/DC Power Supply TPI 180-M Series, 180 Watt
Rev. February 8, 2023
TPI180A-M TRACOPOWER-TPI180A-M Datasheet
1Mb / 5P
AC/DC Power Supply TPI 180A-M Series, 180 Watt
Rev. February 8, 2023
TPI300-M TRACOPOWER-TPI300-M Datasheet
1Mb / 6P
AC/DC Power Supply TPI 300-M Series, 300 Watt
Rev. March 16, 2023
TPI300L-M TRACOPOWER-TPI300L-M Datasheet
1Mb / 6P
AC/DC Power Supply TPI 300L-M Series, 300 Watt
Rev. March 16, 2023
TPI30A-J TRACOPOWER-TPI30A-J Datasheet
1Mb / 4P
AC/DC Power Supply TPI 30A-J Series, 30 Watt
Rev. March 16, 2023
TPI50A-J TRACOPOWER-TPI50A-J Datasheet
986Kb / 5P
AC/DC Industrial Power Supply TPI 50A-J Series, 50 Watt
Rev. March 16, 2023
TPI65A-J TRACOPOWER-TPI65A-J Datasheet
1Mb / 4P
AC/DC Power Supply TPI 65A-J Series, 65 Watt
Rev. March 16, 2023
TPP150A-J TRACOPOWER-TPP150A-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 150A-J Series, 150 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com