Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPP15-D Datasheet (PDF) - TRACO Electronic AG

TPP15-D Datasheet PDF - TRACO Electronic AG
Part # TPP15-D
Download  TPP15-D Download
File Size   1132.6 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TPP 15-D Series, 15 Watt

TPP15-D Datasheet (PDF)

Go To PDF Page Download Datasheet
TPP15-D Datasheet PDF - TRACO Electronic AG

Part # TPP15-D
Download  TPP15-D Click to download

File Size   1132.6 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TPP 15-D Series, 15 Watt

TPP15-D Datasheet (HTML) - TRACO Electronic AG


TPP15-D Product details

• High power density power supply
(encapsulated)
• Certification according to IEC/EN/ES
60601-1 3rd edition for 2 x MOPP
• Low leakage current <75 μA rated for
BF applications
• EMC compliance to IEC 60601-1-2 4th
edition
• Risk management process according to
ISO 14971 incl. risk management file
• Acceptance criteria for electronic
assemblies acc. to IPC-A-610 Level 3
• Protection class ll
• Operating up to 5000 m altitude
• Ready to meet ErP directive, no load
power consumption <75 mW
• 5-year product warranty




Similar Part No. - TPP15-D

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPP15-103-J TRACOPOWER-TPP15-103-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 15-J Series, 15 Watt
Rev. March 16, 2023
TPP15-103A-D TRACOPOWER-TPP15-103A-D Datasheet
1Mb / 6P
AC/DC Medical Power Supply TPP 15A-D Series, 15 Watt
Rev. March 16, 2023
TPP15-103A-J TRACOPOWER-TPP15-103A-J Datasheet
1Mb / 6P
AC/DC Medical Power Supply TPP 15A-J Series, 15 Watt
Rev. March 16, 2023
TPP15-105-J TRACOPOWER-TPP15-105-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 15-J Series, 15 Watt
Rev. March 16, 2023
TPP15-105A-D TRACOPOWER-TPP15-105A-D Datasheet
1Mb / 6P
AC/DC Medical Power Supply TPP 15A-D Series, 15 Watt
Rev. March 16, 2023
More results


Similar Description - TPP15-D

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPP15-J TRACOPOWER-TPP15-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 15-J Series, 15 Watt
Rev. March 16, 2023
TPP150 TRACOPOWER-TPP150 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 150 Series, 150 Watt
Rev. March 16, 2023
TPP15A-D TRACOPOWER-TPP15A-D Datasheet
1Mb / 6P
AC/DC Medical Power Supply TPP 15A-D Series, 15 Watt
Rev. March 16, 2023
TPP15A-J TRACOPOWER-TPP15A-J Datasheet
1Mb / 6P
AC/DC Medical Power Supply TPP 15A-J Series, 15 Watt
Rev. March 16, 2023
TPP30-D TRACOPOWER-TPP30-D Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30-D Series, 30 Watt
Rev. March 16, 2023
TPP30A-D TRACOPOWER-TPP30A-D Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30A-D Series, 30 Watt
Rev. March 16, 2023
TPP40A TRACOPOWER-TPP40A Datasheet
1Mb / 4P
AC/DC Medical Power Supply TPP 40A Series, 40 Watt
Rev. November 30, 2022
TPP40E-D TRACOPOWER-TPP40E-D Datasheet
991Kb / 5P
AC/DC Medical Power Supply TPP 40E-D Series, 40 Watt
Rev. November 30, 2022
TPP450A TRACOPOWER-TPP450A Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 450A Series, 450 Watt
Rev. March 16, 2023
TPP65E-D TRACOPOWER-TPP65E-D Datasheet
982Kb / 5P
AC/DC Medical Power Supply TPP 65E-D Series, 65 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com