Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPP450 Datasheet (PDF) - TRACO Electronic AG

TPP450 Datasheet PDF - TRACO Electronic AG
Part # TPP450
Download  TPP450 Download
File Size   1163.48 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TPP 450 Series, 450 Watt

TPP450 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPP450 Datasheet PDF - TRACO Electronic AG

Part # TPP450
Download  TPP450 Click to download

File Size   1163.48 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TPP 450 Series, 450 Watt

TPP450 Datasheet (HTML) - TRACO Electronic AG


TPP450 Product details

• High power density 3" x 5.8" encased
medical power supply
• 450 Watt up to 65°C without derating,
320 Watt fanless operation without
derating up to 50°C
• Medical certification to IEC/EN/ES
60601-1 3rd edition for 2 x MOPP
• EMC compliance to IEC/EN 60601-1-2
4th edition
• Risk management process according to
ISO 14971 incl. risk management file
• Acceptance criteria for electronic
assemblies acc. to IPC-A-610 class 3
• Isolation (4000 VAC) and leakage
current (<100 μA) rated for BF
applications
• Standard features: 5 V standby output
12 V fan output, Remote On/Off, Power
Good Signal, variable fan speed
• Operating up to 5000 m altitude
• 5-year product warranty




Similar Part No. - TPP450

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPP450-112A-M TRACOPOWER-TPP450-112A-M Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 450A Series, 450 Watt
Rev. March 16, 2023
TPP450-112B-M TRACOPOWER-TPP450-112B-M Datasheet
1Mb / 6P
AC/DC Medical Power Supply TPP 450B-M Series, 450 Watt
Rev. March 16, 2023
TPP450-112BA-M TRACOPOWER-TPP450-112BA-M Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 450BA-M Series, 450 Watt
Rev. March 16, 2023
TPP450-115A-M TRACOPOWER-TPP450-115A-M Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 450A Series, 450 Watt
Rev. March 16, 2023
TPP450-115B-M TRACOPOWER-TPP450-115B-M Datasheet
1Mb / 6P
AC/DC Medical Power Supply TPP 450B-M Series, 450 Watt
Rev. March 16, 2023
More results


Similar Description - TPP450

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPP100 TRACOPOWER-TPP100 Datasheet
1,023Kb / 4P
AC/DC Medical Power Supply TPP 100 Series, 100 Watt
Rev. March 16, 2023
TPP100A-J TRACOPOWER-TPP100A-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 100A-J Series, 100 Watt
Rev. March 16, 2023
TPP150 TRACOPOWER-TPP150 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 150 Series, 150 Watt
Rev. March 16, 2023
TPP40 TRACOPOWER-TPP40 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 40 Series, 40 Watt
Rev. November 30, 2022
TPP40A TRACOPOWER-TPP40A Datasheet
1Mb / 4P
AC/DC Medical Power Supply TPP 40A Series, 40 Watt
Rev. November 30, 2022
TPP450A TRACOPOWER-TPP450A Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 450A Series, 450 Watt
Rev. March 16, 2023
TPP450B-M TRACOPOWER-TPP450B-M Datasheet
1Mb / 6P
AC/DC Medical Power Supply TPP 450B-M Series, 450 Watt
Rev. March 16, 2023
TPP450BA-M TRACOPOWER-TPP450BA-M Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 450BA-M Series, 450 Watt
Rev. March 16, 2023
TPP65 TRACOPOWER-TPP65 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 65 Series, 65 Watt
Rev. November 30, 2022
TPP65A TRACOPOWER-TPP65A Datasheet
1Mb / 4P
AC/DC Medical Power Supply TPP 65A Series, 65 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com