Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRV1M Datasheet (PDF) - TRACO Electronic AG

TRV1M Datasheet PDF - TRACO Electronic AG
Part # TRV1M
Download  TRV1M Download
File Size   884.21 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Medical Converter TRV 1M Series, 1 Watt

TRV1M Datasheet (PDF)

Go To PDF Page Download Datasheet
TRV1M Datasheet PDF - TRACO Electronic AG

Part # TRV1M
Download  TRV1M Click to download

File Size   884.21 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Medical Converter TRV 1M Series, 1 Watt

TRV1M Datasheet (HTML) - TRACO Electronic AG


TRV1M Product details

• I/O isolation 5000 VAC (reinforced)
• Short circuit protection
• Semi-regulated outputs
• Input voltage ranges (±10%):
5, 12, 15, 24 VDC
• Operating temperature range
-40 to +95 °C without derating
• Certification according to IEC/EN/ES
60601-1 3rd edition for 2xMOPP and
IEC/EN/UL 62368-1
• Low leakage current < 2 μA
• Efficiency up to 85%
• Operation up to 5000 m altitude
• 5-year product warranty




Similar Part No. - TRV1M

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TRV1 TRACOPOWER-TRV1 Datasheet
335Kb / 3P
DC/DC Converters TRV 1 Series, 1 Watt
Rev. June 3, 2022
TRV1-0511 TRACOPOWER-TRV1-0511 Datasheet
335Kb / 3P
DC/DC Converters TRV 1 Series, 1 Watt
Rev. June 3, 2022
TRV1-0512 TRACOPOWER-TRV1-0512 Datasheet
335Kb / 3P
DC/DC Converters TRV 1 Series, 1 Watt
Rev. June 3, 2022
TRV1-0513 TRACOPOWER-TRV1-0513 Datasheet
335Kb / 3P
DC/DC Converters TRV 1 Series, 1 Watt
Rev. June 3, 2022
TRV1-0519 TRACOPOWER-TRV1-0519 Datasheet
335Kb / 3P
DC/DC Converters TRV 1 Series, 1 Watt
Rev. June 3, 2022
More results


Similar Description - TRV1M

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
1 Watt | DC-DC Converter
logo
TRACO Electronic AG
TRV2M TRACOPOWER-TRV2M Datasheet
896Kb / 5P
DC/DC Medical Converter TRV 2M Series, 2 Watt
Rev. November 30, 2022
TRV1 TRACOPOWER-TRV1 Datasheet
335Kb / 3P
DC/DC Converters TRV 1 Series, 1 Watt
Rev. June 3, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com