Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM2405S Datasheet (PDF) - TRACO Electronic AG

TSM2405S Datasheet PDF - TRACO Electronic AG
Part # TSM2405S
Download  TSM2405S Download
File Size   1040.04 Kbytes
Page   7 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TSM Series, 1 Watt

TSM2405S Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM2405S Datasheet PDF - TRACO Electronic AG

Part # TSM2405S
Download  TSM2405S Click to download

File Size   1040.04 Kbytes
Page   7 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TSM Series, 1 Watt

TSM2405S Datasheet (HTML) - TRACO Electronic AG


TSM2405S Product details

• SMD package (SOIC-8/10)
• Construction in lead frame technology
• I/O isolation 1000 VDC
• Efficiency up to 82 %
• Operating temperature –40°C to +85°C
• Reflow solder temperature up to 245°C
• High accuracy of Pin coplanarity
• Available in tape and reel package
• 3-years product warranty




Similar Part No. - TSM2405S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM240N03CX TSC-TSM240N03CX Datasheet
416Kb / 5P
30V N-Channel Power MOSFET
TSM240N03CX6 TSC-TSM240N03CX6 Datasheet
561Kb / 5P
30V N-Channel Power MOSFET
TSM240N03CX6RFG TSC-TSM240N03CX6RFG Datasheet
561Kb / 5P
30V N-Channel Power MOSFET
TSM240N03CXRFG TSC-TSM240N03CXRFG Datasheet
416Kb / 5P
30V N-Channel Power MOSFET
More results


Similar Description - TSM2405S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
1 Watt | DC-DC Converter
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com