Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEN5 Datasheet (PDF) - TRACO Electronic AG

TEN5 Datasheet PDF - TRACO Electronic AG
Part # TEN5
Download  TEN5 Download
File Size   248.85 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEN 5 Series, 6 Watt

TEN5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN5 Datasheet PDF - TRACO Electronic AG

Part # TEN5
Download  TEN5 Click to download

File Size   248.85 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEN 5 Series, 6 Watt

TEN5 Datasheet (HTML) - TRACO Electronic AG


TEN5 Product details

Features
u Wide 2:1 input range
u Full SMD-design
u High efficiency up to 86%
u Extended operating temperature
range –40°C to 85°C
u I/O isolation 1’500 VDC
u Indefinite short circuit protection
u Input filter to meet EN 55022, class A
and FCC, level A without external
components
u Shielded metal case with insulated
baseplate
u 24-pin DIP with industry standard pinout
u High reliability, MTBF >1 Mio. h
u 3-year product warranty




Similar Part No. - TEN5

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN5-2410WI TRACOPOWER-TEN5-2410WI Datasheet
281Kb / 3P
DC/DC Converters TEN 5WI Series, 6 Watt
Rev. February 20, 2023
TEN5-2411WI TRACOPOWER-TEN5-2411WI Datasheet
281Kb / 3P
DC/DC Converters TEN 5WI Series, 6 Watt
Rev. February 20, 2023
TEN5-2412WI TRACOPOWER-TEN5-2412WI Datasheet
281Kb / 3P
DC/DC Converters TEN 5WI Series, 6 Watt
Rev. February 20, 2023
TEN5-2413WI TRACOPOWER-TEN5-2413WI Datasheet
281Kb / 3P
DC/DC Converters TEN 5WI Series, 6 Watt
Rev. February 20, 2023
TEN5-2421WI TRACOPOWER-TEN5-2421WI Datasheet
281Kb / 3P
DC/DC Converters TEN 5WI Series, 6 Watt
Rev. February 20, 2023
More results


Similar Description - TEN5

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TEN10 TRACOPOWER-TEN10 Datasheet
287Kb / 4P
DC/DC Converters TEN 10 Series, 10 Watt
Rev. October 26, 2022
TEN12WI TRACOPOWER-TEN12WI Datasheet
218Kb / 3P
DC/DC Converters TEN 12WI Series, 12 Watt
Rev. October 6, 2021
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
TEN15WI TRACOPOWER-TEN15WI Datasheet
264Kb / 3P
DC/DC Converters TEN 15WI Series, 15 Watt
Rev. March 17, 2023
TEN20 TRACOPOWER-TEN20 Datasheet
266Kb / 3P
DC/DC Converters TEN 20 Series, 20 Watt
Rev. March 17, 2022
TEN20WI TRACOPOWER-TEN20WI Datasheet
645Kb / 6P
DC/DC Converters TEN 20WI Series, 20 Watt
Rev. May 7, 2021
TEN3 TRACOPOWER-TEN3 Datasheet
274Kb / 3P
DC/DC Converters TEN 3 Series, 3 Watt
Rev. February 20, 2023
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
TEN5WI TRACOPOWER-TEN5WI Datasheet
281Kb / 3P
DC/DC Converters TEN 5WI Series, 6 Watt
Rev. February 20, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com