Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRA1 Datasheet (PDF) - TRACO Electronic AG

TRA1 Datasheet PDF - TRACO Electronic AG
Part # TRA1
Download  TRA1 Download
File Size   346.54 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TRA 1 Series, 1 Watt

TRA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRA1 Datasheet PDF - TRACO Electronic AG

Part # TRA1
Download  TRA1 Click to download

File Size   346.54 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TRA 1 Series, 1 Watt

TRA1 Datasheet (HTML) - TRACO Electronic AG


TRA1 Product details

Features
◆ Semi-regulated output (load)
◆ Industry standard pinout
◆ High efficiency up to 88.5%
◆ Single and dual output models
◆ I/O isolation voltage 1000 VDC
◆ Operationally reliable up to 5‘000m
altitude
◆ Operating temperature range
–40°C to +95°C
◆ 3-year product warranty




Similar Part No. - TRA1

ManufacturerPart #DatasheetDescription
logo
Ningbo Tianbo Ganglian ...
TRA1 TIANBO-TRA1 Datasheet
1Mb / 3P
10A switching capability
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRA10-104 RCD-TRA10-104 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRA10-105 RCD-TRA10-105 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRA10-106 RCD-TRA10-106 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results


Similar Description - TRA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
1 watt dc-dc converters
logo
AIMTEC
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
1 watt dc-dc converters
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
1 watt dc-dc converters
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
1 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TRV1 TRACOPOWER-TRV1 Datasheet
335Kb / 3P
DC/DC Converters TRV 1 Series, 1 Watt
Rev. June 3, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com