Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA227063 Datasheet (PDF) - Renesas Technology Corp

RAA227063 Datasheet PDF - Renesas Technology Corp
Part # RAA227063
Download  RAA227063 Download
File Size   3696.55 Kbytes
Page   74 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4.5V to 60V 3-Phase Smart Gate Driver

RAA227063 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA227063 Datasheet PDF - Renesas Technology Corp

Part # RAA227063
Download  RAA227063 Click to download

File Size   3696.55 Kbytes
Page   74 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4.5V to 60V 3-Phase Smart Gate Driver

RAA227063 Datasheet (HTML) - Renesas Technology Corp


RAA227063 Product details

Features
▪ Wide VIN range: 4.5V to 60V (65V abs max)
▪ Switching frequency range up to 200kHz
▪ 3-Phase drive for BLDC application
• Peak 1A/2A source/sink current with
programmable drive strength
• Supports 8 adjustable levels of drive strength
through hardware interface and 16 adjustable
levels of drive strength through SPI interface
▪ Adaptive and adjustable dead time
▪ Fully integrated power supply architecture
• Two VCC LDOs allow for Sleep mode low IQ
• 500mA buck-boost switching regulator
generates drive voltage (5V to 15V adjustable)
• 200mA adjustable output LDO for MCU supplies
▪ Flexible configuration
• 3-phase HI/LI mode and 3-phase PWM mode
• Support half-bridge, full-bridge configuration
▪ Three current sense amplifiers
• Four levels of sense gain setting
• Supports DC offset calibration during power-up
and on-the-fly
• Supports both ground-side shunt sense or
low-side MOSFET rDS(ON) sense
▪ Back-EMF sensing for BLDC sensorless operation
▪ Features both hardware interface and SPI interface
▪ Extensive fault protection functions (VCC UV, VM/
VBRIDGE UV, charge pump UV, MOSFET VDS
OCP, current sense OCP, thermal
warning/shutdown, buck-boost current limiting,
buck-boost OCP, buck-boost UV/OV)
▪ Supports reverse battery protection by additional
external circuitry
▪ 7mm x 7mm 48 Ld QFN package (0.5mm pitch)

Applications
▪ Power tools, fans, pumps, E-bikes
▪ Industrial automation, robotics, drones




Similar Part No. - RAA227063

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA220001 RENESAS-RAA220001 Datasheet
267Kb / 15P
Synchronous Rectified Buck MOSFET Driver
Jul.11.19
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
RAA22010540 RENESAS-RAA22010540 Datasheet
999Kb / 25P
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Apr 13, 2021
RAA223010 RENESAS-RAA223010 Datasheet
2Mb / 21P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
Dec 7, 2022
RAA223011 RENESAS-RAA223011 Datasheet
931Kb / 24P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
May 12, 2021
More results


Similar Description - RAA227063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320 Datasheet
2Mb / 80P
6 to 60-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
6 to 60-V Three-Phase Smart Gate Driver
DRV8304 TI1-DRV8304 Datasheet
798Kb / 58P
38-V 3-Phase Smart Gate Driver
DRV8304 TI1-DRV8304_18 Datasheet
2Mb / 63P
38-V 3-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
100-V Three-Phase Smart Gate Driver
DRV8304 TI1-DRV8304_V01 Datasheet
2Mb / 65P
DRV8304 38-V 3-Phase Smart Gate Driver
DRV8328 TI-DRV8328 Datasheet
2Mb / 46P
DRV8328 4.5 to 60V Three-phase BLDC Gate Driver
DECEMBER 2021
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com