Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB12245A Datasheet (PDF) - Altech corporation

CB12245A Datasheet PDF - Altech corporation
Part # CB12245A
Download  CB12245A Download
File Size   785.08 Kbytes
Page   2 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description Battery Charger

CB12245A Datasheet (PDF)

Go To PDF Page Download Datasheet
CB12245A Datasheet PDF - Altech corporation

Part # CB12245A
Download  CB12245A Click to download

File Size   785.08 Kbytes
Page   2 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description Battery Charger

CB12245A Datasheet (HTML) - Altech corporation


CB12245A Product details

Features:
• Input: Single-phase 115 - 230 - 277 VAC
• Output: Battery charging 12 VDC; 24 VDC (switch select)
• Suited for the following battery types:
Open Lead Acid, Sealed Lead Acid, lead Gel and Ni-Cd (option)
• Automatic diagnostic of battery status. Charging
curve IUoUo, constant voltage and current
• Switching technology, output voltage 14.4 VDC / 28.8 VDC
• Four charging levels: Boost, Absorption, Trickle, Recovery.
• Protected against short circuit, reversed polarity, over load.
• Signal output (contact free) for fault battery state
• Protection degree IP20 - DIN rail mountable




Similar Part No. - CB12245A

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CB12 MULTICOMP-CB12 Datasheet
110Kb / 1P
Ceramic Bead Spacers
09/09/19 V1.0
logo
Cooper Bussmann, Inc.
CB123-10B COOPER-CB123-10B Datasheet
269Kb / 5P
Automotive Circuit Breakers
CB123-10HB COOPER-CB123-10HB Datasheet
269Kb / 5P
Automotive Circuit Breakers
CB123-15B COOPER-CB123-15B Datasheet
269Kb / 5P
Automotive Circuit Breakers
CB123-15HB COOPER-CB123-15HB Datasheet
269Kb / 5P
Automotive Circuit Breakers
More results


Similar Description - CB12245A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSAC-8507BC STMICROELECTRONICS-GSAC-8507BC Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
BATTERY CHARGER
GSCC-8.507BC-E
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
Smart Battery Charger
logo
New Japan Radio
NJM2337 NJRC-NJM2337 Datasheet
129Kb / 6P
Battery Charger IC
logo
Holtek Semiconductor In...
HT7470 HOLTEK-HT7470 Datasheet
430Kb / 7P
Fast Battery Charger
25th Aug 94
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
BATTERY CHARGER
Feb-1994
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
Linear Battery Charger
Rev 0; 9/08
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
Backup Battery Charger
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com