Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8645S-2 Datasheet (PDF) - Analog Devices

LT8645S-2 Datasheet PDF - Analog Devices
Part # LT8645S-2
Download  LT8645S-2 Download
File Size   3201.23 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current

LT8645S-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8645S-2 Datasheet PDF - Analog Devices

Part # LT8645S-2
Download  LT8645S-2 Click to download

File Size   3201.23 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current

LT8645S-2 Datasheet (HTML) - Analog Devices


LT8645S-2 Product details

DESCRIPTION
The LT®8645S-2 synchronous step-down regulator features
Silent Switcher architecture designed to minimize
EMI emissions while delivering high efficiency at high
switching frequencies. This performance makes the
LT8645S-2 ideal for noise sensitive applications and
environments.
The fast, clean, low-overshoot switching edges enable
high efficiency operation even at high switching frequencies,
leading to a small overall solution size. Peak current
mode control with a 40ns minimum on-time allows high
step-down ratios even at high switching frequencies.
Burst Mode® operation enables ultralow standby current
consumption, pulse-skipping mode allows full switching
frequency at lower output loads, or spread spectrum
operation can further reduce EMI emissions.

FEATURES
- Silent Switcher® Architecture
- Ultralow EMI Emissions
- Optional Spread Spectrum Modulation
- High Efficiency at High Frequency
- Up to 95% Efficiency at 1MHz, 12VIN to 5VOUT
- Up to 94% Efficiency at 2MHz, 12VIN to 5VOUT
- Wide Input Voltage Range: 3.4V to 65V
- Ultralow Quiescent Current Burst Mode Operation
- 2.5μA IQ Regulating 12VIN to 3.3VOUT
- Output Ripple < 10mVP-P
- Fast Minimum Switch On-Time: 40ns
- Low Dropout Under All Conditions: 60mV at 1A
- Adjustable and Synchronizable: 200kHz to 2.2MHz
- Peak Current Mode Operation
- Output Soft-Start and Tracking
- Small 32-Lead 6mm × 4mm LQFN Package
- AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
- Automotive and Industrial Supplies
- General Purpose Step-Down
- GSM Power Supplies




Similar Part No. - LT8645S-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8645S-2 AD-LT8645S-2 Datasheet
2Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
More results


Similar Description - LT8645S-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8620 LINER-LT8620_15 Datasheet
590Kb / 26P
65V, 2A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LT8645S LINER-LT8645S Datasheet
453Kb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5關A Quiescent Current
logo
Analog Devices
LT8640A AD-LT8640A Datasheet
1Mb / 28P
42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
Rev. 0
LT8645S AD-LT8645S_V01 Datasheet
2Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8650SP AD-LT8650SP Datasheet
3Mb / 34P
Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com