Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX26 Datasheet (PDF) - Hirose Electric

FX26 Datasheet PDF - Hirose Electric
Part # FX26
Download  FX26 Download
File Size   661.16 Kbytes
Page   12 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 140℃ Heat and Vibration Resistant Board-to-Board Floating Connector

FX26 Datasheet (PDF)

Go To PDF Page Download Datasheet
FX26 Datasheet PDF - Hirose Electric

Part # FX26
Download  FX26 Click to download

File Size   661.16 Kbytes
Page   12 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 140℃ Heat and Vibration Resistant Board-to-Board Floating Connector

FX26 Datasheet (HTML) - Hirose Electric


FX26 Product details

■Features
1. Vibration Resistance
Design absorbs the amplitude of the boards that occur
in the Z direction (connector mating direction) that
occurs in a vibration environment.
2. Heat Resistance up to 140℃
The special contact design enables product use under
high temperature environments. Additionally the twopoint
contact design enhances reliability.
3. Board Misalignment Absorption
・X and Y Directions : ±0.7mm Floating Range
・Z Direction : ±0.75mm Effective Mating Length
4. Contact Pitch : 1mm
5. Connection Type : Stacking
Height : 15mm/18mm/20mm/23mm/25mm
6. Pin Count Variations : 20/30/40/50/60
7. Rated Current : 0.5A/pin
8. Pick and Place Mounting
Dustproof and suction caps are installed on standard
product. (Reel Packaging)
9. Excellent mating performance with large
guide post
Large self-alignment range for easy mating operation.




Similar Part No. - FX26

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
FX2600V102YD096 AICTECH-FX2600V102YD096 Datasheet
67Kb / 3P
Useful of 8,000 hours at 85ºC
FX2600V122YD115 AICTECH-FX2600V122YD115 Datasheet
67Kb / 3P
Useful of 8,000 hours at 85ºC
FX2600V152YE096 AICTECH-FX2600V152YE096 Datasheet
67Kb / 3P
Useful of 8,000 hours at 85ºC
FX2600V182YE115 AICTECH-FX2600V182YE115 Datasheet
67Kb / 3P
Useful of 8,000 hours at 85ºC
FX2600V222YE130 AICTECH-FX2600V222YE130 Datasheet
67Kb / 3P
Useful of 8,000 hours at 85ºC
More results


Similar Description - FX26

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
E188CC PHILIPS-E188CC Datasheet
974Kb / 24P
SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT DOUBLE TRIODE
9.9.1959
E99F PHILIPS-E99F Datasheet
579Kb / 21P
SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT R.F. PENTODE
9.9.1958
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
0.8mm Pitch Board to Board Floating Connector
logo
Tyco Electronics
2058299-1 MACOM-2058299-1 Datasheet
676Kb / 6P
Hermaphroditic Blade and Receptacle Connector - Wire-to-Board, Board-to-Board and Dust Cover
logo
QUARTZCOM the communica...
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
SMD TCXO CMOS Highly shock and vibration resistant
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
SMD VCXO HCMOS Highly shock and vibration resistant
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
Miniature SMD Crystal Highly shock and vibration resistant
logo
Japan Aviation Electron...
CP2 JAE-CP2 Datasheet
266Kb / 3P
Board-to-Board Floating Coaxial Connector
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
Vibration and shock resistant
logo
SignalQuest, Inc.
SQ-EVA-022 SIGNALQUEST-SQ-EVA-022 Datasheet
697Kb / 5P
NANO-POWER TILT AND VIBRATION SENSOR EVALUATION BOARD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com