Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

LM2576 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # LM2576
Download  LM2576 Download
File Size   2730.89 Kbytes
Page   10 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description IC REG BUCK 3A TO263-5L

LM2576 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2576 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2576
Download  LM2576 Click to download

File Size   2730.89 Kbytes
Page   10 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description IC REG BUCK 3A TO263-5L

LM2576 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


LM2576 Product details

Description
The series of regulators are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving 3A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V,
5V, 12V, 15V, and an adjustable output versions. Requiring a minimum number of external components, these regulators are simple to use and include internal frequency compensation and a fixed-frequency oscillator. The series offers a high-efficiency replacement for popular three-terminal linear regulators. It substantially reduces the size of the heat sink, and in some cases no heat sink is required. A standard series of inductors optimized for use with the are available from several different manufacturers. This feature greatly simplifies the design of switch-mode power supplies. Other features include a guaranteed ± 4% tolerance on output voltage within specified input voltages and output load conditions, and ±10% on the oscillator frequency. External
shutdown is included, featuring 50μA (typical) standby current. The output switch includes cycle-by-cycle current limiting, as well as thermal shutdown for full protection under fault conditions.


Features
• 3.3V, 5V, 12V, 15V, and adjustable output versions
• Adjustable version output voltage range
• 1.23V to 37V (57V for HV version) ±4% max over line and load conditions
• Guaranteed 3A output current
• Wide input voltage range, 40V up to57V for HV version
• Requires only 4 external components
• 52 kHz fixed frequency oscillator
• TTL shutdown capability, low power standby mode
• High efficiency
• Uses readily available standard inductors
• Thermal shutdown and current limit protection

Applications
• Simple high-efficiency step-down (buck) regulator
• Efficient pre-regulator for linear regulators
• On-card switching regulators
• Positive to negative converter (Buck-Boost)




Similar Part No. - LM2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
Micrel Semiconductor
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
3.0A, 15V, Step-Down Switching Regulator
More results


Similar Description - LM2576

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
logo
Maxim Integrated Produc...
21-0057 MAXIM-21-0057 Datasheet
29Kb / 1P
PACKAGE OUTLINE, 5L SOT23
Rev G
21-0076 MAXIM-21-0076_11 Datasheet
32Kb / 1P
PACKAGE OUTLINE, 5L SC70
Rev F
logo
Alpha & Omega Semicondu...
AOB292L AOSMD-AOB292L Datasheet
77Kb / 1P
TO263 PACKAGE MARKING DESCRIPTION
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Global Mixed-mode Techn...
G5503 GMT-G5503 Datasheet
160Kb / 1P
300KHz, 3A Buck Converter
G5642 GMT-G5642 Datasheet
75Kb / 1P
3A Buck Converter
logo
Sanken electric
NR120E SANKEN-NR120E Datasheet
759Kb / 13P
3A, 18V, Buck Regulator
logo
Guangdong Youtai Semico...
LM2594 UMW-LM2594 Datasheet
573Kb / 13P
IC REG BUCK 12V 1.5A 8SOP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com