Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8M255 Datasheet (PDF) - IDEC Corporation

AP8M255 Datasheet PDF - IDEC Corporation
Part # AP8M255
Download  AP8M255 Download
File Size   408.23 Kbytes
Page   8 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description Super Bright LEDs with built-in current-limiting resistor

AP8M255 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8M255 Datasheet PDF - IDEC Corporation

Part # AP8M255
Download  AP8M255 Click to download

File Size   408.23 Kbytes
Page   8 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description Super Bright LEDs with built-in current-limiting resistor

AP8M255 Datasheet (HTML) - IDEC Corporation


AP8M255 Product details

ø8·10·12·16 AP Series Miniature Pilot Lights

• Space saving miniature style.
• Illumination colors: amber, blue, green, pure white, red,
and yellow
(blue and pure white available for AP8M and AP1M only)
• Marking is available on flat lens units.
(except AP8M series)
• See website for details on approvals and standards.




Similar Part No. - AP8M255

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AP8 ALTECH-AP8 Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
logo
Wuxi Chipown Micro-elec...
AP8003 CHIPOWN-AP8003 Datasheet
283Kb / 10P
Fixed 5V output non-isolated AC/DC converter chip
2018 5 Rev.1805
AP8003TBC-R1 CHIPOWN-AP8003TBC-R1 Datasheet
283Kb / 10P
Fixed 5V output non-isolated AC/DC converter chip
2018 5 Rev.1805
AP8003ZAC-T1 CHIPOWN-AP8003ZAC-T1 Datasheet
283Kb / 10P
Fixed 5V output non-isolated AC/DC converter chip
2018 5 Rev.1805
logo
AiT Semiconductor Inc.
AP8010 AITSEMI-AP8010 Datasheet
370Kb / 13P
AC-DC PWM CONTROLLER PRIMARY SWITCHING REGULATORS
REV1.0
More results


Similar Description - AP8M255

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124TM ROHM-DTA124TM Datasheet
55Kb / 3P
Digital transistors (built in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
Digital transistors (built-in resistor)
DTC614TUT106 ROHM-DTC614TUT106 Datasheet
59Kb / 3P
Digital transistors (built-in resistor)
logo
Vishay Siliconix
TLRH440.CU VISHAY-TLRH440.CU Datasheet
129Kb / 9P
With current limiting resistor for 12 V
24-Apr-13
TLRP4900CU VISHAY-TLRP4900CU Datasheet
675Kb / 6P
With current limiting resistor for 12 V
24-Apr-13
logo
Lite-On Technology Corp...
LTL-4223-R1 LITEON-LTL-4223-R1 Datasheet
191Kb / 4P
Integral current limiting resistor LED
LTL-4223-R2 LITEON-LTL-4223-R2 Datasheet
191Kb / 4P
Integral current limiting resistor LED
LTL-4233-R1 LITEON-LTL-4233-R1 Datasheet
193Kb / 4P
Integral current limiting resistor LED
LTL-4233-R2 LITEON-LTL-4233-R2 Datasheet
182Kb / 4P
Integral current limiting resistor LED
LTL-4253-R1 LITEON-LTL-4253-R1 Datasheet
179Kb / 4P
Integral current limiting resistor LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com