Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD3-2-M Datasheet (PDF) - List of Unclassifed Manufacturers

ELD3-2-M Datasheet PDF - List of Unclassifed Manufacturers
Part # ELD3-2-M
Download  ELD3-2-M Download
File Size   513.06 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Emergency LED Driver (maintained and Non-maintained)

ELD3-2-M Datasheet (PDF)

Go To PDF Page Download Datasheet
ELD3-2-M Datasheet PDF - List of Unclassifed Manufacturers

Part # ELD3-2-M
Download  ELD3-2-M Click to download

File Size   513.06 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Emergency LED Driver (maintained and Non-maintained)

ELD3-2-M Datasheet (HTML) - List of Unclassifed Manufacturers


ELD3-2-M Product details

• British manufacture and design
• Simple and rapid connection to
LED and Mains
• Compact and lightweight—fits
through 42mm cut-out
• Microprocessor controlled
• Constant 500mA output available
from 2-3V input
• 3 Hour autonomy from a 2-cell
battery pack
• Screw-less cable clamp assembly
• Operation with Ni-Cd or Ni-Mh
battery
• Maintained or Non-Maintained
versions available




Similar Part No. - ELD3-2-M

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD3H7 EVERLIGHT-ELD3H7 Datasheet
895Kb / 11P
8PIN 16 PIN ULTRA SMALL SSOP PHOTOTRANSISTOR PHOTOCOUPLER
ELD3H7Z-V EVERLIGHT-ELD3H7Z-V Datasheet
895Kb / 11P
8PIN 16 PIN ULTRA SMALL SSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Similar Description - ELD3-2-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLB-1 ETC2-MLB-1 Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
logo
CW Industries
GRS-4011-0002 CWIND-GRS-4011-0002_19 Datasheet
197Kb / 2P
4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0021 CWIND-GRS-4011-0021_19 Datasheet
174Kb / 2P
4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0052 CWIND-GRS-4011-0052 Datasheet
172Kb / 2P
4000 Series Maintained Action Miniature Rocker Switches
GRS-4012-0016 CWIND-GRS-4012-0016 Datasheet
203Kb / 2P
4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0131 CWIND-GRS-4011-0131 Datasheet
175Kb / 2P
4000 Series Maintained Action Miniature Rocker Switches
GRS-4011-0089 CWIND-GRS-4011-0089 Datasheet
152Kb / 2P
4000 Series Maintained Action Miniature Rocker Switches
logo
Shenzhen Huazhimei Semi...
HM9928 HMSEMI-HM9928 Datasheet
340Kb / 5P
LED Emergency Lighting driver
logo
Schneider Electric
9001K11J35LLL SCHNEIDER-9001K11J35LLL Datasheet
140Kb / 2P
selector switch 횠 30 - 2 positions - maintained - LED
Dec 23, 2021
logo
Shanghai SincereTek Mic...
QW2886 SINCERETEK-QW2886 Datasheet
258Kb / 5P
LED Emergency Lighting driver
2018-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com