Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV138 Datasheet (PDF) - NXP Semiconductors

74LV138 Datasheet PDF - NXP Semiconductors
Part # 74LV138
Download  74LV138 Download
File Size   116.32 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3-to-8 line decoder/multiplexer; inverting

74LV138 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV138 Datasheet PDF - NXP Semiconductors

Part # 74LV138
Download  74LV138 Click to download

File Size   116.32 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3-to-8 line decoder/multiplexer; inverting

74LV138 Datasheet (HTML) - NXP Semiconductors


74LV138 Product details

DESCRIPTION

The 74LV138 is a low-voltage Si-gate CMOS device that is pin and function compatible with 74HC/HCT138. The 74LV138 accepts three binary weighted address inputs (A0, A1, A2) and when enabled, provide 8 mutually exclusive active LOW outputs (Y0 to Y7).



FEATURES

• Wide operating voltage: 1.0 to 5.5 V

• Optimized for low voltage applications: 1.0 to 3.6 V

• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V

• Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V, Tamb = 25°C

• Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V, Tamb = 25°C

• Demultiplexing capability

• Multiple input enable for easy expansion

• Ideal for memory chip select decoding

• Active LOW mutually exclusive outputs

• Output capability: standard

• ICC category: MSI




Similar Part No. - 74LV138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV138 NXP-74LV138 Datasheet
105Kb / 17P
3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
Nexperia B.V. All right...
74LV138 NEXPERIA-74LV138 Datasheet
256Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
Rev. 6 - 22 July 2021
logo
Texas Instruments
74LV138A TI-74LV138A Datasheet
649Kb / 18P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
NXP Semiconductors
74LV138BQ NXP-74LV138BQ Datasheet
105Kb / 17P
3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
Nexperia B.V. All right...
74LV138BQ NEXPERIA-74LV138BQ Datasheet
256Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
Rev. 6 - 22 July 2021
More results


Similar Description - 74LV138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
3 TO 8 LINE DECODER INVERTING
Jun-1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
3 TO 8 LINE DECODER INVERTING
Feb-1993
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Apr-2001
M74HC138 STMICROELECTRONICS-M74HC138 Datasheet
283Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Jul-2001
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
29-Jul-2004
74VHC138 STMICROELECTRONICS-74VHC138_04 Datasheet
319Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
12-Nov-2004
74VHCT138A STMICROELECTRONICS-74VHCT138A_04 Datasheet
304Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
16-Dec-2004
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com