Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV157 Datasheet (PDF) - NXP Semiconductors

74LV157 Datasheet PDF - NXP Semiconductors
Part # 74LV157
Download  74LV157 Download
File Size   117.3 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input multiplexer

74LV157 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV157 Datasheet PDF - NXP Semiconductors

Part # 74LV157
Download  74LV157 Click to download

File Size   117.3 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input multiplexer

74LV157 Datasheet (HTML) - NXP Semiconductors


74LV157 Product details

DESCRIPTION

The 74LV157 is a low-voltage CMOS device and is pin and function compatible with 74HC/HCT157.

The 74LV157 is a quad 2-input multiplexer which selects 4 bits of data from two sources under the control of a common data select input (S).



FEATURES

• Optimized for low voltage applications: 1.0 to 3.6 V

• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V

• Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V, Tamb = 25°C

• Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V, Tamb = 25°C

• Output capability: standard

• ICC category: MSI



 




Similar Part No. - 74LV157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV153 PHILIPS-74LV153 Datasheet
115Kb / 14P
Dual 4-input multiplexer
1998 Apr 28
74LV153D PHILIPS-74LV153D Datasheet
115Kb / 14P
Dual 4-input multiplexer
1998 Apr 28
74LV153DB PHILIPS-74LV153DB Datasheet
115Kb / 14P
Dual 4-input multiplexer
1998 Apr 28
74LV153N PHILIPS-74LV153N Datasheet
115Kb / 14P
Dual 4-input multiplexer
1998 Apr 28
74LV153PW PHILIPS-74LV153PW Datasheet
115Kb / 14P
Dual 4-input multiplexer
1998 Apr 28
More results


Similar Description - 74LV157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
Quad 2-Input Multiplexer
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com