Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA828 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA828 Datasheet PDF - Texas Instruments
Part # OPA828
Download  OPA828 Download
File Size   3107.46 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V, JFET-Input Operational Amplifiers

OPA828 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA828 Datasheet PDF - Texas Instruments

Part # OPA828
Download  OPA828 Click to download

File Size   3107.46 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V, JFET-Input Operational Amplifiers

OPA828 Datasheet (HTML) - Texas Instruments


OPA828 Product details

1 Features
• Low input voltage noise density:
4 nV/√Hz at 1 kHz
• Input voltage noise:
0.1 Hz to 10 Hz: 60 nVRMS
• Low input bias current:
– 0.1 pA (DGN)
– 1 pA (D)
• Input offset voltage:
– 25 μV (DGN)
– 50 μV (D)
• Input offset drift:
– 0.2 μV/°C (DGN)
– 0.45 μV/°C (D)
• MUX-friendly inputs
• Gain bandwidth: 45 MHz
• Slew rate: 150 V/μs
• 14-bit settling time: 120 ns
• Overload power limiter
• Wide supply voltage range: ±4 V to ±18 V
• Packages:
– D Package: 8-pin SOIC
– DGN Package: 8-pin HVSSOP

2 Applications
• Data acquisition (DAQ)
• Optical module
• Lab and field instrumentation
• Mixed module (AI,AO,DI,DO)
• Ultrasound scanner

3 Description
The OPA828 and OPA2828 (OPAx828) JFET input
operational amplifiers are the next generation
OPA627 and OPA827, combining high speed with
high dc precision and ac performance. These op
amps supply low offset voltage, low drift over
temperature, low bias current, and low noise with
only 60-nVRMS 0.1-Hz to 10-Hz noise. The OPAx828
operate over a wide supply-voltage range of ±4 V to
±18 V and a supply current of 5.5 mA/channel, typical.
AC characteristics, including a 45-MHz gain
bandwidth product (GBW), a slew rate of 150 V/μs,
and precision dc characteristics, make the OPAx828
family an excellent choice for a variety of systems.
These include high-speed and high-resolution dataacquisition
systems, such as 16-bit to 18-bit mixed
signal systems, transimpedance (I/V-conversion)
amplifiers, filters, precision ±10-V front ends, and
high-impedance sensor-interface applications.
The OPAx828 are available in an 8-pin SOIC
package and a thermally enhanced, 8-pin HVSSOP
PowerPAD™ integrated circuit package.




Similar Part No. - OPA828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA828 TI1-OPA828 Datasheet
370Kb / 22P
Low-Offset, Low-Drift, Low-Noise, 50-MHz, 36-V JFET-Input Operational Amplifier
OPA828 TI-OPA828 Datasheet
2Mb / 43P
OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V JFET-Input, Operational Amplifiers
REVISED NOVEMBER 2022
OPA828 TI2-OPA828 Datasheet
3Mb / 47P
OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V, JFET-Input Operational Amplifiers
ED DECEMBER 2022
OPA828ID TI1-OPA828ID Datasheet
370Kb / 22P
Low-Offset, Low-Drift, Low-Noise, 50-MHz, 36-V JFET-Input Operational Amplifier
OPA828ID TI-OPA828ID Datasheet
2Mb / 43P
OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V JFET-Input, Operational Amplifiers
REVISED NOVEMBER 2022
More results


Similar Description - OPA828

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
Low Offset, Low Drift JFET Input Operational Amplifier
LF412 NSC-LF412 Datasheet
565Kb / 13P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF411QML TI1-LF411QML Datasheet
699Kb / 20P
LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI-LF411-N Datasheet
874Kb / 16P
LF411 Low Offset, Low Drift JFET Input Operational Amplifier
LF411QML-SP TI-LF411QML-SP_15 Datasheet
1Mb / 19P
LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
Low Offset, Low Drift JFET Input Operational Amplifier
OPA828 TI1-OPA828 Datasheet
370Kb / 22P
Low-Offset, Low-Drift, Low-Noise, 50-MHz, 36-V JFET-Input Operational Amplifier
OPA828 TI-OPA828_V01 Datasheet
2Mb / 43P
OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V JFET-Input, Operational Amplifiers
REVISED NOVEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com