Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1875 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM1875 Datasheet PDF - Texas Instruments
Part # LM1875
Download  LM1875 Download
File Size   3382.19 Kbytes
Page   17 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 20W Audio Power Amplifier

LM1875 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1875 Datasheet PDF - Texas Instruments

Part # LM1875
Download  LM1875 Click to download

File Size   3382.19 Kbytes
Page   17 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 20W Audio Power Amplifier

LM1875 Datasheet (HTML) - Texas Instruments


LM1875 Product details

1FEATURES
2• Up to 30 Watts Output Power
• AVO Typically 90 dB
• Low Distortion: 0.015%, 1 kHz, 20 W
• Wide Power Bandwidth: 70 kHz
• Protection for AC and DC Short Circuits to
Ground
• Thermal Protection with Parole Circuit
• High Current Capability: 4A
• Wide Supply Range 16V-60V
• Internal Output Protection Diodes
• 94 dB Ripple Rejection
• Plastic Power Package TO-220

APPLICATIONS
• High Performance Audio Systems
• Bridge Amplifiers
• Stereo Phonographs
• Servo Amplifiers
• Instrument Systems

DESCRIPTION
The LM1875 is a monolithic power amplifier offering
very low distortion and high quality performance for
consumer audio applications.
The LM1875 delivers 20 watts into a 4Ω or 8Ω load
on ±25V supplies. Using an 8Ω load and ±30V
supplies, over 30 watts of power may be delivered.
The amplifier is designed to operate with a minimum
of external components. Device overload protection
consists of both internal current limit and thermal
shutdown.
The LM1875 design takes advantage of advanced
circuit techniques and processing to achieve
extremely low distortion levels even at high output
power levels. Other outstanding features include high
gain, fast slew rate and a wide power bandwidth,
large output voltage swing, high current capability, and a very wide supply range. The amplifier is
internally compensated and stable for gains of 10 or
greater.




Similar Part No. - LM1875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1875 NSC-LM1875 Datasheet
481Kb / 11P
20W Audio Power Amplifier
logo
Unisonic Technologies
LM1875 UTC-LM1875 Datasheet
150Kb / 6P
20W AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1875 TI-LM1875 Datasheet
3Mb / 16P
20W Audio Power Amplifier
MAY 2004
logo
Unisonic Technologies
LM1875-TA5-T UTC-LM1875-TA5-T Datasheet
149Kb / 7P
20W AUDIO POWER AMPLIFIER
LM1875-TA5-T UTC-LM1875-TA5-T Datasheet
154Kb / 7P
20W AUDIO POWER AMPLIFIER
More results


Similar Description - LM1875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1875 NSC-LM1875 Datasheet
481Kb / 11P
20W Audio Power Amplifier
logo
NTE Electronics
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
Integrated Circuit Audio Power Amplifier, 20W
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
20W Hi-Fi AUDIO POWER AMPLIFIER
17-Jul-2012
logo
Hitachi Semiconductor
HA1397 HITACHI-HA1397 Datasheet
570Kb / 7P
20W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM1875 UTC-LM1875 Datasheet
150Kb / 6P
20W AUDIO POWER AMPLIFIER
LM1875 UTC-LM1875_05 Datasheet
149Kb / 7P
20W AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE7040 NTE-NTE7040 Datasheet
28Kb / 3P
Integrated Circuit Audio Power Amplifier, 20W
NTE1724 NTE-NTE1724 Datasheet
33Kb / 2P
Integrated Circuit Audio Power Amplifier, 20W
logo
Texas Instruments
LM1875T TI1-LM1875T Datasheet
3Mb / 16P
LM1875 20W Audio Power Amplifier
logo
Unisonic Technologies
LM1875 UTC-LM1875_15 Datasheet
154Kb / 7P
20W AUDIO POWER AMPLIFIER
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com