Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494CDG4 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TL494CDG4 Datasheet PDF - Texas Instruments
Part # TL494CDG4
Download  TL494CDG4 Download
File Size   1579.49 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Pulse-Width-Modulation Control Circuits

TL494CDG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL494CDG4 Datasheet PDF - Texas Instruments

Part # TL494CDG4
Download  TL494CDG4 Click to download

File Size   1579.49 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Pulse-Width-Modulation Control Circuits

TL494CDG4 Datasheet (HTML) - Texas Instruments


TL494CDG4 Product details

1 Features
• Complete PWM Power-Control Circuitry
• Uncommitted Outputs for 200-mA Sink or
Source Current
• Output Control Selects Single-Ended or
Push-Pull Operation
• Internal Circuitry Prohibits Double Pulse at
Either Output
• Variable Dead Time Provides Control Over
Total Range
• Internal Regulator Provides a Stable 5-V
Reference Supply With 5% Tolerance
• Circuit Architecture Allows Easy Synchronization

2 Applications
• Desktop PCs
• Microwave Ovens
• Power Supplies: AC/DC, Isolated, With or Without
PFC
• Server PSUs
• Solar Micro-Inverters
• Washing Machines: Low-End and High-End
• E-Bikes
• Power: Telecom/Server AC/DC Supplies:
Dual Controller: Analog
• Smoke Detectors
• Solar Power Inverters

3 Description
The TL494 device incorporates all the functions
required in the construction of a pulse-widthmodulation
(PWM) control circuit on a single chip.
Designed primarily for power-supply control, this
device offers the flexibility to tailor the power-supply
control circuitry to a specific application.
The TL494 device contains two error amplifiers,
an on-chip adjustable oscillator, a dead-time control
(DTC) comparator, a pulse-steering control flip-flop,
a 5-V, 5%-precision regulator, and output-control
circuits.
The error amplifiers exhibit a common-mode voltage
range from –0.3 V to VCC – 2 V. The dead-time
control comparator has a fixed offset that provides
approximately 5% dead time. The on-chip oscillator
can be bypassed by terminating RT to the reference
output and providing a sawtooth input to CT, or it can
drive the common circuits in synchronous multiple-rail
power supplies.
The uncommitted output transistors provide either
common-emitter or emitter-follower output capability.
The TL494 device provides for push-pull or singleended
output operation, which can be selected
through the output-control function. The architecture
of this device prohibits the possibility of either output
being pulsed twice during push-pull operation.
The TL494 device is characterized for operation from
0°C to 70°C. The TL494I device is characterized for
operation from –40°C to 85°C.




Similar Part No. - TL494CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494CDG4 TI-TL494CDG4 Datasheet
590Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494CDG4 TI-TL494CDG4 Datasheet
616Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494CDG4 TI-TL494CDG4 Datasheet
614Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Similar Description - TL494CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001 TI-TL5001 Datasheet
348Kb / 23P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL594I TI-TL594I Datasheet
504Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com