Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3118D2DAP Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPA3118D2DAP Datasheet PDF - Texas Instruments
Part # TPA3118D2DAP
Download  TPA3118D2DAP Download
File Size   2932.6 Kbytes
Page   45 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance

TPA3118D2DAP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA3118D2DAP Datasheet PDF - Texas Instruments

Part # TPA3118D2DAP
Download  TPA3118D2DAP Click to download

File Size   2932.6 Kbytes
Page   45 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance

TPA3118D2DAP Datasheet (HTML) - Texas Instruments


TPA3118D2DAP Product details

1 Features
1• Supports Multiple Output Configurations
– 2 × 50 W Into a 4-Ω BTL Load at 21 V
(TPA3116D2)
– 2 × 30 W Into a 8-Ω BTL Load at 24 V
(TPA3118D2)
– 2 × 15 W Into a 8-Ω BTL Load at 15 V
(TPA3130D2)
• Wide Voltage Range: 4.5 V to 26 V
• Efficient Class-D Operation
– >90% Power Efficiency Combined With Low
Idle Loss Greatly Reduces Heat Sink Size
– Advanced Modulation Schemes
• Multiple Switching Frequencies
– AM Avoidance
– Master and Slave Synchronization
– Up to 1.2-MHz Switching Frequency
• Feedback Power-Stage Architecture With High
PSRR Reduces PSU Requirements
• Programmable Power Limit
• Differential and Single-Ended Inputs
• Stereo and Mono Mode With Single-Filter Mono
Configuration
• Single Power Supply Reduces Component Count
• Integrated Self-Protection Circuits Including
Overvoltage, Undervoltage, Overtemperature, DCDetect,
and Short Circuit With Error Reporting
• Thermally Enhanced Packages
– DAD (32-Pin HTSSOP Pad Up)
– DAP (32-Pin HTSSOP Pad Down)
• –40°C to 85°C Ambient Temperature Range

2 Applications
• Mini-Micro Component, Speaker Bar, Docks
• After-Market Automotive
• CRT TV
• Consumer Audio Applications

3 Description
The TPA31xxD2 series are stereo efficient, digital
amplifier power stage for driving speakers up to 100
W / 2 Ω in mono. The high efficiency of the
TPA3130D2 allows it to do 2 × 15 W without external
heat sink on a single layer PCB. The TPA3118D2 can
even run 2 × 30 W / 8 Ω without heat sink on a dual
layer PCB. If even higher power is needed the
TPA3116D2 does 2 × 50 W / 4 Ω with a small heatsink
attached to its top side PowerPAD. All three
devices share the same footprint enabling a single
PCB to be used across different power levels.
The TPA31xxD2 advanced oscillator/PLL circuit
employs a multiple switching frequency option to
avoid AM interferences; this is achieved together with
an option of either master or slave option, making it
possible to synchronize multiple devices.
The TPA31xxD2 devices are fully protected against
faults with short-circuit protection and thermal
protection as well as overvoltage, undervoltage, and
DC protection. Faults are reported back to the
processor to prevent devices from being damaged
during overload conditions.




Similar Part No. - TPA3118D2DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI2-TPA3118D2DAP Datasheet
2Mb / 49P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
REVISED DECEMBER 2017
TPA3118D2DAP.A TI2-TPA3118D2DAP.A Datasheet
2Mb / 49P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
REVISED DECEMBER 2017
TPA3118D2DAPG4 TI2-TPA3118D2DAPG4 Datasheet
2Mb / 49P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
REVISED DECEMBER 2017
More results


Similar Description - TPA3118D2DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
25-W Filter-Free Class-D Stereo Amplifier
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com