Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV27 Datasheet (PDF) - NXP Semiconductors

74LV27 Datasheet PDF - NXP Semiconductors
Part # 74LV27
Download  74LV27 Download
File Size   114.81 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple 3-input NOR gate

74LV27 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV27 Datasheet PDF - NXP Semiconductors

Part # 74LV27
Download  74LV27 Click to download

File Size   114.81 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple 3-input NOR gate

74LV27 Datasheet (HTML) - NXP Semiconductors


74LV27 Product details

DESCRIPTION
The 74LV27 is a low-voltage Si-gate CMOS device and is pin and function compatible with 74HC/HCT27.
The 74LV27 provides the 3-input NOR function.

FEATURES
• Wide operating voltage: 1.0 to 5.5 V
• Optimized for Low Voltage applications: 1.0 to 3.6 V
• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
• Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V, Tamb = 25°C.
• Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V, Tamb = 25°C.
• Output capability: standard
• ICC category: SSI




Similar Part No. - 74LV27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV273D PHILIPS-74LV273D Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV273DB PHILIPS-74LV273DB Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV273N PHILIPS-74LV273N Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV273PW PHILIPS-74LV273PW Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
More results


Similar Description - 74LV27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
Triple 3-Input NOR gate
1991 Feb 08
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
TRIPLE 3-INPUT NOR GATE
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
Triple 3-Input NOR Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
Triple 3-Input NOR Gate
logo
STMicroelectronics
74VHC27 STMICROELECTRONICS-74VHC27_04 Datasheet
199Kb / 10P
TRIPLE 3-INPUT NOR GATE
12-Nov-2004
logo
IK Semicon Co., Ltd
IN74HC27A IKSEMICON-IN74HC27A Datasheet
183Kb / 5P
Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
Triple 3-Input NOR Gate
2019-01-31
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com