Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1117T Datasheet (PDF) - List of Unclassifed Manufacturers

L1117T Datasheet PDF - List of Unclassifed Manufacturers
Part # L1117T
Download  L1117T Download
File Size   101.71 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)

L1117T Datasheet (PDF)

Go To PDF Page Download Datasheet
L1117T Datasheet PDF - List of Unclassifed Manufacturers

Part # L1117T
Download  L1117T Click to download

File Size   101.71 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)

L1117T Datasheet (HTML) - List of Unclassifed Manufacturers


L1117T Product details

[NIKO-SEM]



GENERAL DESCRIPTION

The L1117 Series are positive and low dropout three-terminal voltage regulators with 1A output current capability. These devices are designed for use in low voltage applications that offers lower dropout voltage and faster transient response.

These devices are fully protected against over current faults, over temperature operation, reversed input polarity, reversed lead insertion, transient voltage spike …etc.

On-Chips trimming the reference voltage to 2% and features the low dropout of maximum 1.45 volts.

The L1117 Series regulators offer fixed and adjustable voltage options available in the popular industry standard SOT-223, TO-220, TO-252 and TO-263 packages.



FEATURES

● Fixed 2.5V, 2.85V, 3.3V, 5V or adjustable output voltage

● Low dropout voltage: 1.2V typical at up to 1A

● Low ground current

● Fast transient response

● Current & thermal limiting

● Line regulation: 0.5% typical

● Load regulation: 0.5% typical

● SOT-223, TO-220, TO-252, TO-263 package



APPLICATIONS

● 2.85V active SCSI terminators

● 8-15V to 5V linear regulators

● 5V to 2.5V or 3.3V linear regulators

● Low voltage micro-controllers

● Battery Chargers

● Motherboard clock supplies

● Post regulator for switching supplies

● Micro-controllers



 




Similar Part No. - L1117T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117XG-1.8 ETC1-L1117XG-1.8 Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117XG-2.5 ETC1-L1117XG-2.5 Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117XG-2.85 ETC1-L1117XG-2.85 Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117XG-3.3 ETC1-L1117XG-3.3 Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
More results


Similar Description - L1117T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1087C ETC-L1087C Datasheet
60Kb / 6P
0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G1117 GMT-G1117 Datasheet
293Kb / 9P
1A Adjustable Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
1A Adjustable Low-Dropout Linear Regulator
G9117 GMT-G9117 Datasheet
59Kb / 1P
1A Adjustable Low-Dropout Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
1A Adjustable & Fixed Voltage LDO Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com