Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV393 Datasheet (PDF) - NXP Semiconductors

74LV393 Datasheet PDF - NXP Semiconductors
Part # 74LV393
Download  74LV393 Download
File Size   115.0 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual 4-bit binary ripple counter

74LV393 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV393 Datasheet PDF - NXP Semiconductors

Part # 74LV393
Download  74LV393 Click to download

File Size   115.0 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual 4-bit binary ripple counter

74LV393 Datasheet (HTML) - NXP Semiconductors


74LV393 Product details

DESCRIPTION

The 74LV393 is a low–voltage Si-gate CMOS device and is pin and function compatible with 74HC/HCT393.

The 74LV393 is a dual 4-bit binary ripple counter with separate clocks (1CP, 2CP) and master reset (1MR, 2MR) inputs to each counter.



FEATURES

• Optimized for Low Voltage applications: 1.0 to 3.6V

• Accepts TTL input levels between VCC = 2.7V and VCC = 3.6V

• Typical VOLP (output ground bounce)  0.8V @ VCC = 3.3V, Tamb = 25°C

• Typical VOHV (output VOH undershoot)  2V @ VCC = 3.3V, Tamb = 25°C

• Two 4-bit binary counters with individual clocks

• Divide-by any binary module up to 28 in one package

• Two master resets to clear each 4-bit counter individually

• Output capability: standard

• ICC category: MSI




Similar Part No. - 74LV393

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
Dual 4-bit binary ripple counter
74LV393D NEXPERIA-74LV393D Datasheet
235Kb / 13P
Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74LV393D-Q100 NEXPERIA-74LV393D-Q100 Datasheet
746Kb / 16P
Dual 4-bit binary ripple counter
74LV393PW NEXPERIA-74LV393PW Datasheet
235Kb / 13P
Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
More results


Similar Description - 74LV393

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
Dual 4-bit binary ripple counter
1988 Nov 01
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
Dual 4-bit binary ripple counter
December 1990
logo
List of Unclassifed Man...
74HC393 ETC1-74HC393 Datasheet
216Kb / 5P
DUAL 4-BIT BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
Dual 4-bit binary ripple counter
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
74HC393 NEXPERIA-74HC393 Datasheet
268Kb / 15P
Dual 4-bit binary ripple counter
Rev. 8 - 22 October 2021
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com