Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT231XS-X Datasheet (PDF) - Future Technology Devices International Ltd.

FT231XS-X Datasheet PDF - Future Technology Devices International Ltd.
Part # FT231XS-X
Download  FT231XS-X Download
File Size   829.71 Kbytes
Page   44 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd. FT231X (USB to FULL HANDSHAKE UART IC)

FT231XS-X Datasheet (PDF)

Go To PDF Page Download Datasheet
FT231XS-X Datasheet PDF - Future Technology Devices International Ltd.

Part # FT231XS-X
Download  FT231XS-X Click to download

File Size   829.71 Kbytes
Page   44 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd. FT231X (USB to FULL HANDSHAKE UART IC)

FT231XS-X Datasheet (HTML) - Future Technology Devices International Ltd.


FT231XS-X Product details

The FT231X is a USB to serial UART interface with full modem control and the following advanced features:
 Single chip USB to asynchronous serial data transfer interface.
 Entire USB protocol handled on the chip. No USB specific firmware programming required.
 Fully integrated 2048 byte multi-time-programmable (MTP) memory, storing device descriptors and CBUS I/O configuration.
 Fully integrated clock generation with no external crystal required plus optional clock output selection enabling glue-less interface to external MCU or FPGA.
 Data transfer rates from 300 baud to 3 Mbaud (RS422, RS485, and RS232 ) at TTL levels.
 512 byte receive buffer and 512 byte transmit buffer utilising buffer smoothing technology to allow for high data throughput.
 FTDI’s royalty-free Virtual Com Port (VCP) and Direct (D2XX) drivers eliminate the requirement for USB driver development in most cases.
 Configurable CBUS I/O pins.
 Transmit and receive LED drive signals.
 UART interface support for 7 or 8 data bits, 1 or 2 stop bits and odd / even / mark / space no parity
 Synchronous and asynchronous bit bang interface options with RD# and WR# strobes.
 USB Battery Charger Detection. Allows for USB peripheral devices to detect the presence of a higher power source to enable improved charging.
 Device supplied pre-programmed with unique USB serial number.
 USB Power Configurations; supports bus- powered, self-powered and bus-powered with power switching
 Integrated +3.3V level converter for USB I/O.
 True 3.3V CMOS drive output and TTL input;
Operates down to 1V8 with external pull-ups. Tolerant of 5V input.
 Configurable I/O pin output drive strength; 4 mA(min) and 16 mA(max).
 Integrated power-on-reset circuit.
 Fully integrated AVCC supply filtering - no external filtering required.
 UART signal inversion option.
 + 5V Single Supply Operation.
 Internal 3V3/1V8 LDO regulators
Low operating and USB suspend current; 8mA (active-typ) and 125uA (suspend-typ).
 UHCI/OHCI/EHCI host controller compatible
 USB 2.0 Full Speed capable.
 Extended operating temperature range; -40 to 85⁰C.
 Available in compact, Pb-free, 20 Pin SSOP and QFN packages (both RoHS compliant).




Similar Part No. - FT231XS-X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT231XS-x ETC2-FT231XS-x Datasheet
830Kb / 44P
Future Technology Devices International Ltd FT231X
More results


Similar Description - FT231XS-X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS_FT231X ETC2-DS_FT231X Datasheet
830Kb / 44P
Future Technology Devices International Ltd FT231X
FT245RQ-REEL ETC2-FT245RQ-REEL Datasheet
778Kb / 37P
Future Technology Devices International Ltd. FT245R USB FIFO IC
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com