Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT122 Datasheet (PDF) - Silicon Laboratories

BT122 Datasheet PDF - Silicon Laboratories
Part # BT122
Download  BT122 Download
File Size   1779.16 Kbytes
Page   42 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description BT122 is a dual mode Bluetooth BR/EDR - BLE module targeted for applications that require both Bluetooth Low Energy and Classic connectivity.

BT122 Datasheet (PDF)

Go To PDF Page Download Datasheet
BT122 Datasheet PDF - Silicon Laboratories

Part # BT122
Download  BT122 Click to download

File Size   1779.16 Kbytes
Page   42 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description BT122 is a dual mode Bluetooth BR/EDR - BLE module targeted for applications that require both Bluetooth Low Energy and Classic connectivity.

BT122 Datasheet (HTML) - Silicon Laboratories


BT122 Product details

1. Feature List
• Bluetooth Features
• Bluetooth v4.2 BR/EDR and BLE compliant
• Up to 6 x BR/EDR connections
• Up to 7 x BLE connections
• 1 x BR/EDR + 6 x BLE connections simultaneously
• Scatternet: 3 simultaneous piconets
• Radio Features
• Integrated antenna
• TX Power, BR +11dBm, EDR +5dBm and LE +7dBm
• RX Sensitivity -95 dBm
• 400-550 meter LoS range
• Software Features
• Integrated Bluetooth BR/EDR and BLE stack
• SPP, iAP2, HID and GATT over BR Bluetooth profiles
• Any GATT based BLE
• SPP supports up to 1000 kbps
• BGAPI™ serial protocol API over UART for network co-processor
usage
• BGLIB™ host C library which implements BGAPI serial protocol
• BGScript™ scripting language for standalone usage
• Hardware Interfaces
• UART host interface
• UART and I2C peripheral interfaces
• Up to 10 x GPIO with interrupts
• 3 x 12-bit ADC
• Internal battery voltage measurement option
• Microcontroller ARM Cortex-M4
• 40 MHz
• 32 kB RAM
• 256 kB flash
• Electrical Characteristics
• Supply voltage: 2.2V to 3.6V
• Temperature range: -40°C to +85°C
• Bluetooth qualified
• Regulatory Certified: CE (EU), UKCA (UK), FCC (USA),
ISED (Canada), MIC (Japan), KC (South Korea) and
SRRC (China)
• Dimensions: 11.62 mm x 16.0 mm x 2.2 mm (W x L x H)




Similar Part No. - BT122

ManufacturerPart #DatasheetDescription
logo
Chengdu Xtaltq Technolo...
BT1220 XTAITQ-BT1220 Datasheet
243Kb / 2P
Ultra Stable
logo
Xtaltq Technologies Co....
BT1220 XTALTQ-BT1220 Datasheet
212Kb / 2P
DIP Package(12.6*20.2mm)
logo
Chengdu Xtaltq Technolo...
BT1220HH3C106DA XTAITQ-BT1220HH3C106DA Datasheet
243Kb / 2P
Ultra Stable
BT1220HH3C106DN XTAITQ-BT1220HH3C106DN Datasheet
243Kb / 2P
Ultra Stable
BT1220HH3C106EA XTAITQ-BT1220HH3C106EA Datasheet
243Kb / 2P
Ultra Stable
More results


Similar Description - BT122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2564-TIWI-UB2 TI-CC2564-TIWI-UB2 Datasheet
26Kb / 2P
Bluetooth Module that is Bluetooth Low Energy - Smart Ready from LS Research
logo
Cypress Semiconductor
CYW20732Y CYPRESS-CYW20732Y Datasheet
2Mb / 26P
Bluetooth Low-Energy (BLE)-compliant
CYW20702 CYPRESS-CYW20702 Datasheet
4Mb / 55P
Bluetooth 4.0 EDR and Low Energy compliant
BCM20707 CYPRESS-BCM20707 Datasheet
1Mb / 65P
Complies with Bluetooth Core Specification version 4.2 including BR/EDR/BLE
CYW20732A0 CYPRESS-CYW20732A0 Datasheet
2Mb / 35P
Bluetooth Low-Energy (BLE)-compliant
logo
Laird Tech Smart Techno...
BL600-SA LSTD-BL600-SA Datasheet
2Mb / 50P
Single Mode Bluetooth Low Energy (BLE) Module
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
Cypress Semiconductor
CYW20719 CYPRESS-CYW20719 Datasheet
1Mb / 49P
Enhanced Low Power, BR/EDR/BLE Bluetooth 5.0 SOC
logo
List of Unclassifed Man...
BC832 ETC-BC832 Datasheet
953Kb / 20P
Bluetooth Low Energy (BLE) 5 Micro Module BC832
Ver 2.0 June 2017
logo
Yichip Microelectronics...
YC1166 YICHIP-YC1166 Datasheet
1Mb / 16P
Bluetooth 5.0 BR/EDR/BLE
2020-02-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com