Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV4060 Datasheet (PDF) - NXP Semiconductors

74LV4060 Datasheet PDF - NXP Semiconductors
Part # 74LV4060
Download  74LV4060 Download
File Size   165.92 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 14-stage binary ripple counter with oscillator

74LV4060 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV4060 Datasheet PDF - NXP Semiconductors

Part # 74LV4060
Download  74LV4060 Click to download

File Size   165.92 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 14-stage binary ripple counter with oscillator

74LV4060 Datasheet (HTML) - NXP Semiconductors


74LV4060 Product details

DESCRIPTION
The 74LV4060 is a low-voltage Si-gate CMOS device and is pin and function compatible with the 74HC/HCT4060.

FEATURES
• Wide operating voltage: 1.0 to 5.5 V
• Optimized for Low Voltage applications: 1.0 to 3.6 V
• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
• Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V, Tamb = 25°C.
• Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V, Tamb = 25°C.
• All active components on chip
• RC or crystal oscillator configuration
• Output capability: standard (except for RTC and CTC)
• ICC category: MSI

APPLICATIONS
• Control Counters
• Timers
• Frequency Dividers
• Time-delay circuits




Similar Part No. - 74LV4060

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
14-stage binary ripple counter with oscillator
74LV4060D NEXPERIA-74LV4060D Datasheet
286Kb / 17P
14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74LV4060D-Q100 NEXPERIA-74LV4060D-Q100 Datasheet
806Kb / 21P
14-stage binary ripple counter with oscillator
74LV4060PW NEXPERIA-74LV4060PW Datasheet
286Kb / 17P
14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
More results


Similar Description - 74LV4060

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
14-stage binary ripple counter with oscillator
December 1990
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
14-stage binary ripple counter with oscillator
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com