Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM32LG Datasheet (PDF) - Silicon Laboratories

EFM32LG Datasheet PDF - Silicon Laboratories
Part # EFM32LG
Download  EFM32LG Download
File Size   5916.91 Kbytes
Page   469 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description EFM32 Leopard Gecko Family

EFM32LG Datasheet (PDF)

Go To PDF Page Download Datasheet
EFM32LG Datasheet PDF - Silicon Laboratories

Part # EFM32LG
Download  EFM32LG Click to download

File Size   5916.91 Kbytes
Page   469 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description EFM32 Leopard Gecko Family

EFM32LG Datasheet (HTML) - Silicon Laboratories


EFM32LG Product details

KEY FEATURES
• ARM Cortex-M3 at 48 MHz
• Ultra-low power operation
• 0.65 μA current in Stop (EM3), with
brown-out detection and RAM retention
• 63 μA/MHz in EM1
• 211 μA/MHz in Run mode (EM0)
• Fast wake-up time of 2 μs
• Hardware cryptography (AES)
• Up to 256 kB of flash and 32 kB of RAM




Similar Part No. - EFM32LG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG230 SILABS-EFM32LG230 Datasheet
1Mb / 75P
Output state retention and wake-up from Shutoff Mode
EFM32LG230F128G-E-QFN64 SILABS-EFM32LG230F128G-E-QFN64 Datasheet
1Mb / 75P
Output state retention and wake-up from Shutoff Mode
EFM32LG230F256G-E-QFN64 SILABS-EFM32LG230F256G-E-QFN64 Datasheet
1Mb / 75P
Output state retention and wake-up from Shutoff Mode
EFM32LG230F64G-E-QFN64 SILABS-EFM32LG230F64G-E-QFN64 Datasheet
1Mb / 75P
Output state retention and wake-up from Shutoff Mode
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
Output state retention and wake-up from Shutoff Mode
More results


Similar Description - EFM32LG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32 SILABS-EFM32 Datasheet
5Mb / 433P
EFM32 Giant Gecko Family
SLSTK3301A SILABS-SLSTK3301A Datasheet
1Mb / 28P
EFM32 Tiny Gecko TG11 StarterKit Users Guide
Rev. 1.0
SLSTK3701A SILABS-SLSTK3701A Datasheet
2Mb / 33P
EFM32 Giant Gecko GG11 Starter Kit
Revision 1.10
SLSTK3401A SILABS-SLSTK3401A Datasheet
522Kb / 7P
EFM32 Pearl Gecko Family QSG118: EFM32PG1 SLSTK3401A QuickStart Guide
Rev. 0.4
EFM32HG SILABS-EFM32HG Datasheet
2Mb / 169P
EFM32 Happy Gecko Family
Rev. 2.40
EFM32PG23 SILABS-EFM32PG23 Datasheet
1Mb / 99P
EFM32PG23 Gecko Family
Rev. 0.5
EFM32TG SILABS-EFM32TG Datasheet
2Mb / 202P
EFM32 Gecko Family
Rev. 2.11
EFM32WG SILABS-EFM32WG Datasheet
5Mb / 469P
EFM32 Gecko Family
Rev. 2.42
EFM32ZG SILABS-EFM32ZG Datasheet
2Mb / 104P
EFM32 Zero Gecko Family
Rev. 2.20
EFM32GG11 SILABS-EFM32GG11 Datasheet
3Mb / 261P
EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com