Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7060 Datasheet (PDF) - Silicon Laboratories

SI7060 Datasheet PDF - Silicon Laboratories
Part # SI7060
Download  SI7060 Download
File Size   973.38 Kbytes
Page   17 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description The Si7060 family of I2C temperature sensors measure and digitize the local temperature at the device. 4 modes of operation are possible:

SI7060 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI7060 Datasheet PDF - Silicon Laboratories

Part # SI7060
Download  SI7060 Click to download

File Size   973.38 Kbytes
Page   17 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description The Si7060 family of I2C temperature sensors measure and digitize the local temperature at the device. 4 modes of operation are possible:

SI7060 Datasheet (HTML) - Silicon Laboratories


SI7060 Product details

FEATURES
• Better than ± 1 °C accuracy
• Better than ± 0.1 °C repeatability
• Wide operating voltage: 1.7 to 5.5 V
• Low power consumption: 500 nA
• Ultra-low power sleep mode: 50 nA
• I2C interface
• Configurable alert output
• 4 factory configurable I2C addresses
• Package Options:
• SOT23-5




Similar Part No. - SI7060

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
SI7005-B-FM SILABS-SI7005-B-FM Datasheet
340Kb / 41P
DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
Si7005-B-FM SILABS-Si7005-B-FM Datasheet
75Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
SI7005-B-FM1 SILABS-SI7005-B-FM1 Datasheet
340Kb / 41P
DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
Si7005-B-FM1 SILABS-Si7005-B-FM1 Datasheet
75Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Similar Description - SI7060

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
Introducing the Newest Member of the Zenigata Family
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
The benefits and features of the TCS3771 are listed below
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
The ST10F272B and ST10F272E are members of the STMicroelectronics
24-Sep-2013
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
The ST10F27x MCUs are derivatives of the STMicroelectronics
24-Sep-2013
AN2648 STMICROELECTRONICS-AN2648 Datasheet
167Kb / 15P
Increasing the resolution of analog temperature sensors
20-Dec-2007
logo
Advanced Thermal Soluti...
IFLOW-200 ATS-IFLOW-200 Datasheet
776Kb / 1P
MEASURE THE THERMAL AND HYDRAULIC PERFORMANCE OF COLD PLATES
R2_0215
logo
TE Connectivity Ltd
408-10465 TEC-408-10465 Datasheet
60Kb / 1P
Remove the four screws at the bottom of the light
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y601 AVAGO-HLMP-Y601 Datasheet
70Kb / 3P
The junction temperature of the device determines
logo
STMicroelectronics
EV-VND5E160J STMICROELECTRONICS-EV-VND5E160J Datasheet
134Kb / 8P
The diagnostic feedback of the whole device
17-Sep-2013
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com