Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT11I Datasheet (PDF) - Silicon Laboratories

WT11I Datasheet PDF - Silicon Laboratories
Part # WT11I
Download  WT11I Download
File Size   1628.55 Kbytes
Page   46 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description WT11i Bluetooth® Module

WT11I Datasheet (PDF)

Go To PDF Page Download Datasheet
WT11I Datasheet PDF - Silicon Laboratories

Part # WT11I
Download  WT11I Click to download

File Size   1628.55 Kbytes
Page   46 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description WT11i Bluetooth® Module

WT11I Datasheet (HTML) - Silicon Laboratories


WT11I Product details

KEY FEATURES:
Radio features:
* Bluetooth v.2.1 + EDR
* Bluetooth class 1 radio
* Transmit power: +17 dBm
* Receiver sensitivity: -86 dBm
* Range: 350 meters line-of-sight
* Integrated chip antenna or U.FL
connector
Hardware features:
* UART and USB host interfaces
* 802.11 co-existence interface
* 6 software programmable IO pins
* Operating voltage: 2.7V to 3.6V
* Temperature range: -40C to +85C
* Dimensions: 35.75 x 14.50 x 2.6 mm
Qualifications:
* Bluetooth
* CE
* FCC
* IC
* Japan
PHYSICAL OUTLOOK




Similar Part No. - WT11I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT11I ETC2-WT11I Datasheet
413Kb / 14P
EVALUATION KIT
WT11I ETC2-WT11I Datasheet
147Kb / 3P
Bluetooth specification
logo
Silicon Laboratories
WT11I SILABS-WT11I Datasheet
1Mb / 13P
WT11i DEVELOPMENT KIT
Version 1.5
logo
List of Unclassifed Man...
WT11I-A ETC2-WT11I-A Datasheet
1Mb / 46P
Pinout and Terminal Description
WT11I-A-AI3 ETC2-WT11I-A-AI3 Datasheet
1Mb / 46P
Pinout and Terminal Description
More results


Similar Description - WT11I

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Microchip Technology
BM78 MICROCHIP-BM78_V01 Datasheet
3Mb / 60P
Bluetooth® Dual-Mode Module
2016-2019
logo
Silicon Laboratories
BT111 SILABS-BT111 Datasheet
2Mb / 53P
Bluetooth® Smart Ready HCI Module
Version 1.27
WT11I-E SILABS-WT11I-E Datasheet
1Mb / 40P
WT11i Bluetooth® Module
Version 1.14
WT41-A SILABS-WT41-A Datasheet
1Mb / 48P
WT41 Bluetooth® Module
Version 1.45
WT41-E SILABS-WT41-E Datasheet
1Mb / 42P
WT41 Bluetooth® Module
Version 1.4
logo
Infineon Technologies A...
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com