Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WFM200 Datasheet (PDF) - Silicon Laboratories

WFM200 Datasheet PDF - Silicon Laboratories
Part # WFM200
Download  WFM200 Download
File Size   1584.43 Kbytes
Page   46 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description The WFM200S Wi-Fi SiP module key features are listed below.

WFM200 Datasheet (PDF)

Go To PDF Page Download Datasheet
WFM200 Datasheet PDF - Silicon Laboratories

Part # WFM200
Download  WFM200 Click to download

File Size   1584.43 Kbytes
Page   46 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description The WFM200S Wi-Fi SiP module key features are listed below.

WFM200 Datasheet (HTML) - Silicon Laboratories


WFM200 Product details

KEY POINTS
• IEEE 802.11 b/g/n compliant
• Embedded high efficiency antenna
• Integrated crystal and shield
• 105°C ambient temp support
• TX power: up to +15.1 dBm
• RX sensitivity: -96.3 dBm
• Integrated switched antenna diversity
support
• Ultra low power consumption
• Secure and signed software
• Encrypted host interface communication
• Linux and RTOS host support
• Certifications
• CE (EU), UKCA (UK), FCC (USA), ISED
(Canada), MIC (Japan), KC (South
Korea)
• 6.5 x 6.5 mm SiP Module




Similar Part No. - WFM200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WFM VISHAY-WFM Datasheet
176Kb / 5P
Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
13-May-2020
WFM VISHAY-WFM Datasheet
176Kb / 5P
Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
04-Aug-2022
logo
SICK AG
WFM120-120N311 SICK-WFM120-120N311 Datasheet
851Kb / 6P
FORK SENSORS
WFM120-120N321 SICK-WFM120-120N321 Datasheet
851Kb / 6P
FORK SENSORS
WFM120-120P311 SICK-WFM120-120P311 Datasheet
851Kb / 6P
FORK SENSORS
More results


Similar Description - WFM200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
The EFM8BB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
The EFM8BB2 highlighted features are listed below
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
The EFM8SB1 highlighted features are listed below
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
The EFM8SB2 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
The EFM8UB1 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
The EFM8UB2 highlighted features are listed below
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com