Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS0102DCT Datasheet (PDF) - Texas Instruments

TXS0102DCT Datasheet PDF - Texas Instruments
Part # TXS0102DCT
Download  TXS0102DCT Download
File Size   1104.74 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TXS0102 2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications

TXS0102DCT Datasheet (PDF)

Go To PDF Page Download Datasheet
TXS0102DCT Datasheet PDF - Texas Instruments

Part # TXS0102DCT
Download  TXS0102DCT Click to download

File Size   1104.74 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TXS0102 2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications

TXS0102DCT Datasheet (HTML) - Texas Instruments


TXS0102DCT Product details

1 Features
1• No Direction-Control Signal Needed
• Maximum Data Rates
– 24 Mbps (Push Pull)
– 2 Mbps (Open Drain)
• Available in the Texas Instruments NanoStar™
Package
• 1.65 V to 3.6 V on A Port and 2.3 V to 5.5 V on B
Port (VCCA ≤ VCCB)
• VCC Isolation Feature: If Either VCC Input Is at
GND, Both Ports Are in the High-Impedance State
• No Power-Supply Sequencing Required: Either
VCCA or VCCB Can Be Ramped First
• Ioff Supports Partial-Power-Down Mode Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– A Port:
– 2500-V Human-Body Model (A114-B)
– 250-V Machine Model (A115-A)
– 1500-V Charged-Device Model (C101)
– B Port:
– 8-kV Human-Body Model (A114-B)
– 250-V Machine Model (A115-A)
– 1500-V Charged-Device Model (C101)

2 Applications
• I2C / SMBus
• UART
• GPIO

3 Description
This two-bit non-inverting translator is a bidirectional
voltage-level translator and can be used to establish
digital switching compatibility between mixed-voltage
systems. It uses two separate configurable powersupply
rails, with the A ports supporting operating
voltages from 1.65 V to 3.6 V while it tracks the VCCA
supply, and the B ports supporting operating voltages
from 2.3 V to 5.5 V while it tracks the VCCB supply.
This allows the support of both lower and higher logic
signal levels while providing bidirectional translation
capabilities between any of the 1.8-V, 2.5-V, 3.3-V,
and 5-V voltage nodes.
When the output-enable (OE) input is low, all I/Os are
placed in the high-impedance state, which
significantly reduces the power-supply quiescent
current consumption.
To ensure the high-impedance state during power up
or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is
determined by the current-sourcing capability of the
driver.




Similar Part No. - TXS0102DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102DCTR TI-TXS0102DCTR Datasheet
261Kb / 13P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0102DCTR TI-TXS0102DCTR Datasheet
509Kb / 18P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102DCTR TI-TXS0102DCTR Datasheet
497Kb / 18P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102DCTR TI-TXS0102DCTR Datasheet
448Kb / 19P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102DCTR TI-TXS0102DCTR Datasheet
718Kb / 23P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Similar Description - TXS0102DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102_09 Datasheet
509Kb / 18P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_10 Datasheet
497Kb / 18P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102_101 TI-TXS0102_101 Datasheet
448Kb / 19P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
Bidirectional voltage level translator for open-drain and push-pull applications
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com