Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05SB7 Datasheet (PDF) - NXP Semiconductors

68HC05SB7 Datasheet PDF - NXP Semiconductors
Part # 68HC05SB7
Download  68HC05SB7 Download
File Size   2859.07 Kbytes
Page   170 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Industry standard 8-bit M68HC05 CPU core

68HC05SB7 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC05SB7 Datasheet PDF - NXP Semiconductors

Part # 68HC05SB7
Download  68HC05SB7 Click to download

File Size   2859.07 Kbytes
Page   170 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Industry standard 8-bit M68HC05 CPU core

68HC05SB7 Datasheet (HTML) - NXP Semiconductors


68HC05SB7 Product details

FEATURES
• Industry standard 8-bit M68HC05 CPU core
• Power saving STOP, WAIT, DATA-RETENTION and SLOW modes
• 2.1MHz maximum bus frequency from internal VCO or external pin
oscillator
• 6144 bytes of user ROM with the security feature
• 224 bytes of user RAM (64 bytes for stack)
• System calibration characteristics by 64-bit Personality EPROM
• 19 bidirectional I/O lines
– 4 shared with SM-Bus
– 4 shared with PWM
– 4 shared with A/D analog channels input
– 2 shared with current detect output
– 1 shared with Timer Input Capture (TCAP)
• 16-bit Programmable Timer with Input Capture/Output Compare (driven
by interrupt)
• 15-stage multi-function Core Timer including 8-bit free-running counter
and 4-stage selectable real-time interrupt generator
• Built-in current sensing amplifiers with selectable gain of 10 and 30
• Two voltage comparators which can be combined with the 16-bit Timer
to create an 8-channel, single-slope Analog to Digital Converter
• Built-in internal temperature sensor from 0
°C to 70°C




Similar Part No. - 68HC05SB7

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
68HC05SB7 FREESCALE-68HC05SB7 Datasheet
1Mb / 170P
SPECIFICATION (General Release)
More results


Similar Description - 68HC05SB7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HC705J2 MOTOROLA-HC705J2 Datasheet
427Kb / 78P
M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
logo
Freescale Semiconductor...
MC68HC05SU3A FREESCALE-MC68HC05SU3A Datasheet
1Mb / 80P
Fully static chip design featuring the industry standard 8-bit M68HC05 core
68HC05PL4 FREESCALE-68HC05PL4 Datasheet
3Mb / 98P
Industry standard 8-bit M68HC05 CPU core
logo
International Rectifier
IRF9332PBF IRF-IRF9332PBF_15 Datasheet
289Kb / 8P
Industry-Standard SO-8 Package
IRL6372PBF IRF-IRL6372PBF_15 Datasheet
278Kb / 8P
Industry-Standard SO-8 Package
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
32-bit RXv2 CPU core
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
32-bit RXv2 CPU core
logo
COREBAI Microelectronic...
CBM9002 COREBAI-CBM9002 Datasheet
2Mb / 22P
Industry-standard enhanced 8051 core
logo
NXP Semiconductors
68HC705JB2 NXP-68HC705JB2 Datasheet
1Mb / 128P
Industry standard M68HC05 CPU core
REV 1.1
MC68HC05P9 NXP-MC68HC05P9 Datasheet
7Mb / 108P
Popular M68HC05 Central Processor Unit (CPU)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com