Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JP7 Datasheet (PDF) - NXP Semiconductors

68HC705JP7 Datasheet PDF - NXP Semiconductors
Part # 68HC705JP7
Download  68HC705JP7 Download
File Size   2330.29 Kbytes
Page   230 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)

68HC705JP7 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC705JP7 Datasheet PDF - NXP Semiconductors

Part # 68HC705JP7
Download  68HC705JP7 Click to download

File Size   2330.29 Kbytes
Page   230 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)

68HC705JP7 Datasheet (HTML) - NXP Semiconductors


68HC705JP7 Product details

Features
• Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7)
or 28-Pin Package (MC68HC705JP7)
• 6160 Bytes of User EPROM (Including 16 Bytes of User Vectors)
• 224 Bytes of Low-Power User RAM (4 Transistors)
• 64 Bits of Personality EPROM (Serial Access)
• 16-Bit Programmable Timer with Input Capture and Output
Compare
• 15-Stage Core Timer Including 8-Bit Free-Running Counter
and 4-Stage Selectable Real-Time Interrupt Generator
• Simple Serial Input/Output Port (SIOP) with Interrupt Capability
• Two Voltage Comparators, One of Which Can be Combined with
the 16-Bit Programmable Timer to Create a 4-Channel, Single-
Slope A/D Converter
• Output of Voltage Comparator Can Drive Port Pin PB4 Directly
Under Software Control
• 14 I/O Lines (MC68HC705JJ7) or 22 I/O Lines (MC68HC705JP7)
Including High-Source/Sink Current Capability on 6 I/O Pins
(MC68HC705JJ7) or 14 I/O Pins (MC68HC705JP7)
• Programmable 8-Bit Mask Option Register (MOR) to Select Mask
Options Found in ROM-Based Versions
• MOR Selectable Software Programmable Pulldowns on All I/O
Pins and Keyboard Scan Interrupt on Four I/O Pins
• Software Mask and Request Bit for IRQ Interrupt with MOR
Selectable Sensitivity on IRQ Interrupt (Edge- and Level-Sensitive
or Edge-Only)
• On-Chip Oscillator with Device Option of Crystal/Ceramic
Resonator or RC Operation and MOR Selectable Shunt Resistor,
Approximately 2 MW
• Internal Oscillator for Lower-Power Operation, Approximately
100 kHz (500 kHz Selected as Device Option)
• EPROM Security Bit1 to Aid in Locking Out Access to
Programmable EPROM array
• MOR Selectable (COP) Watchdog System
• Power-Saving Stop and Wait Mode Instructions (MOR Selectable
STOP Conversion to Halt and Option for Fast 16-Cycle Restart,
and Power-On Reset)
• On-Chip Temperature Measurement Diode
• MOR Selectable Low-Voltage Inhibit to Reset CPU in Low-Voltage
Conditions
• Illegal Address Reset
• Internal Steering Diode and Pullup Device on RESET Pin to VDD




Similar Part No. - 68HC705JP7

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
68HC705JP7 FREESCALE-68HC705JP7 Datasheet
5Mb / 230P
General Release Specification
More results


Similar Description - 68HC705JP7

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00231Z SIEMENS-SRD00231Z Datasheet
66Kb / 3P
Ternary PIN Photodiode in TO-Package, Central Pin
logo
Toshiba Semiconductor
TMP91CP27U TOSHIBA-TMP91CP27U Datasheet
281Kb / 2P
16-Bit Low Cost General Purpose Microcontroller in 64-pin Package
logo
Zetex Semiconductors
TSSOP20 ZETEX-TSSOP20 Datasheet
122Kb / 3P
Surface mounted, 20 pin package
SSOP28 ZETEX-SSOP28 Datasheet
174Kb / 3P
Surface mounted, 28 pin package
logo
Integrated Device Techn...
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
Low Cost 20-Pin Frequency Generator
logo
Rochester Electronics
8251A ROCHESTER-8251A Datasheet
642Kb / 11P
PROGRAMMABLE COMMUNICATION INTERFACE 28-Pin DIP Package
logo
OptoDiode Corp
AXUV20ELG OPTODIODE-AXUV20ELG Datasheet
242Kb / 2P
PHOTODIODE 20 ELEMENT 22 pin dual in-line package
logo
Integrated Device Techn...
IDT5V41067A IDT-IDT5V41067A Datasheet
194Kb / 13P
20-pin TSSOP package
logo
Silicon Laboratories
SI4455 SILABS-SI4455 Datasheet
1Mb / 40P
20-Pin 3x3 mm QFN package
logo
NXP Semiconductors
68HC05V7 NXP-68HC05V7 Datasheet
1Mb / 170P
Low cost, HC05 Core
REV 1.0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com