Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV423 Datasheet (PDF) - NXP Semiconductors

74LV423 Datasheet PDF - NXP Semiconductors
Part # 74LV423
Download  74LV423 Download
File Size   156.09 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual retriggerable monostable multivibrator with reset

74LV423 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV423 Datasheet PDF - NXP Semiconductors

Part # 74LV423
Download  74LV423 Click to download

File Size   156.09 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual retriggerable monostable multivibrator with reset

74LV423 Datasheet (HTML) - NXP Semiconductors


74LV423 Product details

DESCRIPTION
The 74LV423 is a low-voltage Si-gate CMOS device and is pin and function compatible with the 74HC/HCT423.

FEATURES
• Optimized for Low Voltage applications: 1.0 to 5.5V
• Accepts TTL input levels between VCC = 2.7V and VCC = 3.6V
• Typical VOLP (output ground bounce)  0.8V @ VCC = 3.3V, Tamb = 25°C
• Typical VOHV (output VOH undershoot)  2V @ VCC = 3.3V, Tamb = 25°C
• DC triggered from active HIGH or active LOW inputs
• Retriggerable for very long pulses up to 100% duty factor
• Direct reset terminates output pulses
• Schmitt-trigger action on all inputs except for the reset input
• Output capability: standard (except for nREXT/CEXT)
• ICC category: MSI




Similar Part No. - 74LV423

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
14-stage binary ripple counter
Rev. 01-29 November 2005
More results


Similar Description - 74LV423

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com