Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL300SO-E Datasheet (PDF) - Micronas

HAL300SO-E Datasheet PDF - Micronas
Part # HAL300SO-E
Download  HAL300SO-E Download
File Size   140.29 Kbytes
Page   17 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Differential Hall Effect Sensor IC

HAL300SO-E Datasheet (PDF)

Go To PDF Page Download Datasheet
HAL300SO-E Datasheet PDF - Micronas

Part # HAL300SO-E
Download  HAL300SO-E Click to download

File Size   140.29 Kbytes
Page   17 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Differential Hall Effect Sensor IC

HAL300SO-E Datasheet (HTML) - Micronas


HAL300SO-E Product details

Introduction
The HAL300 is a differential Hall switch produced in CMOS technology. The sensor includes 2 temperature compensated Hall plates (2.05 mm apart) with active offset compensation, a differential amplifier with a Schmitt trigger, and an open-drain output transistor (see Fig. 2).

Features:
– distance between Hall plates: 2.05 mm
– operates from 4.5 V to 24 V supply voltage
– switching offset compensation at 62 kHz
– overvoltage protection
– reverse-voltage protection at VDD-pin
– short-circuit protected open-drain output by thermal shutdown
– operates with magnetic fields from DC to 10 kHz
– output turns low with magnetic south pole on branded side of package and with a higher magnetic flux density in sensitive area S1 as in S2
– on-chip temperature compensation circuitry minimizes shifts of the magnetic parameters over temperature and supply voltage range
– the decrease of magnetic flux density caused by rising temperature in the sensor system is compensated by a built-in negative temperature coefficient of hysteresis
– EMC corresponding to DIN 40839




Similar Part No. - HAL300SO-E

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL300SF-A MICRONAS-HAL300SF-A Datasheet
1Mb / 22P
Differential Hall Effect Sensor IC
HAL300SF-K MICRONAS-HAL300SF-K Datasheet
1Mb / 22P
Differential Hall Effect Sensor IC
More results


Similar Description - HAL300SO-E

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4923 SIEMENS-TLE4923 Datasheet
157Kb / 18P
Dynamic Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4921-5U INFINEON-TLE4921-5U Datasheet
568Kb / 24P
Dynamic Differential Hall Effect Sensor IC
2002-08-02
TLE4923 INFINEON-TLE4923 Datasheet
127Kb / 18P
Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4921-3U INFINEON-TLE4921-3U Datasheet
138Kb / 19P
Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4923 INFINEON-TLE4923_05 Datasheet
616Kb / 24P
Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
logo
Micronas
HAL300 MICRONAS-HAL300_1 Datasheet
1Mb / 22P
Differential Hall Effect Sensor IC
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
Differential Hall-Effect Sensor IC
logo
Infineon Technologies A...
TLE4921-5U INFINEON-TLE4921-5U_08 Datasheet
875Kb / 26P
Dynamic Differential Hall Effect Sensor IC
V 1.1, January 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com