Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8843 Datasheet (PDF) - Analog Devices

ADM8843 Datasheet PDF - Analog Devices
Part # ADM8843
Download  ADM8843 Download
File Size   330.25 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 White LED Backlight Driver

ADM8843 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM8843 Datasheet PDF - Analog Devices

Part # ADM8843
Download  ADM8843 Click to download

File Size   330.25 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 White LED Backlight Driver

ADM8843 Datasheet (HTML) - Analog Devices


ADM8843 Product details

GENERAL DESCRIPTION
The ADM8843 uses charge pump technology to provide the power to drive up to four LEDs. The LEDs are used for backlighting a color LCD display that has regulated constant current for uniform brightness intensity. The main display can use up to three LEDs, and the sub display uses one LED. The CTRL1 and CTRL2 digital input control pins control the shutdown operation and the brightness of the main and sub displays.

FEATURES
   Drives 4 LEDs from a 2.6 V to 5.5 V (Li-Ion) input supply
   1×/1.5×/2× fractional charge pump to maximize
      power efficiency
   0.3% typical LED current matching
   Up to 88% power efficiency over Li-Ion range
   Powers main and sub display LEDs with individual shutdown
   Package footprint only 9 mm2 (3 mm × 3 mm)
   Package height only 0.75 mm
   Low power shutdown mode
   Shutdown function
   Soft start limiting in-rush current

APPLICATIONS
   Cellular phones with main and sub displays
   White LED backlighting
   Camera flash/strobes and movie light applications
   Micro TFT color displays
   DSC
   PDAs




Similar Part No. - ADM8843

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
Four White LED Backlight Driver
REV. C
More results


Similar Description - ADM8843

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
White LED Driver for Backlight
NJW4610 NJRC-NJW4610 Datasheet
153Kb / 1P
Constant Current Type White LED Driver for Backlight
logo
Holtek Semiconductor In...
HT7945 HOLTEK-HT7945 Datasheet
3Mb / 11P
White LED Backlight Driver
logo
STMicroelectronics
STLA02PUR STMICROELECTRONICS-STLA02PUR Datasheet
732Kb / 23P
White LED driver for display backlight
February 2011 Rev 1
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
Four White LED Backlight Driver
REV. C
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
LED Backlight Driver
logo
Leadtrend Technology
LD7889A LEADTREND-LD7889A Datasheet
554Kb / 17P
4-Channel LED Backlight Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com