Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE56953E Datasheet (PDF) - NEC

NE56953E Datasheet PDF - NEC
Part # NE56953E
Download  NE56953E Download
File Size   166.76 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN MEDIUM POWER MICROWAVE TRANSISTOR

NE56953E Datasheet (PDF)

Go To PDF Page Download Datasheet
NE56953E Datasheet PDF - NEC

Part # NE56953E
Download  NE56953E Click to download

File Size   166.76 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN MEDIUM POWER MICROWAVE TRANSISTOR

NE56953E Datasheet (HTML) - NEC


NE56953E Product details

DESCRIPTION AND APPLICATIONS
The NE569 NPN silicon transistor is designed for medium power linear amplifiers and oscillators up to 8 GHz.
The NE569 transistor is suitable for millitary, industrial and hirel applications and offers the engineer the very best in quality, performance and reliability.

FEATURES
● AMPLIFIER PERFORMANCE:
   550 mW with 11.5 dB Gain at 2 GHz
   425 mW with  7.5 dB Gain at 4 GHz
● HIGH OSCILLATOR POWER OUTPUT:
   500 mW at 2 GHz
   300 mW at 6 GHz
● LOW DISTORTION
● 12 VOLT OPERATION
● HIGH RELIABILITY
● HERMETIC PACKAGES




Similar Part No. - NE56953E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE564 ETC2-NE564 Datasheet
5Mb / 16P
LINEAR INTEGRATED CIRCUITS
logo
NXP Semiconductors
NE564 PHILIPS-NE564 Datasheet
150Kb / 9P
Operation with single 5V supply
1994 Aug 31
logo
List of Unclassifed Man...
NE564F ETC2-NE564F Datasheet
2Mb / 41P
LINEAR INTEGRATED CIRCUITS
NE564N ETC2-NE564N Datasheet
2Mb / 41P
LINEAR INTEGRATED CIRCUITS
NE565 ETC1-NE565 Datasheet
348Kb / 6P
Phase-Lock Loop
More results


Similar Description - NE56953E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LAE4002S PHILIPS-LAE4002S Datasheet
48Kb / 8P
NPN microwave power transistor
1997 Feb 18
LWE2010S PHILIPS-LWE2010S Datasheet
74Kb / 12P
NPN microwave power transistor
1997 Feb 19
LXE16350X PHILIPS-LXE16350X Datasheet
88Kb / 12P
NPN microwave power transistor
1997 Feb 19
logo
NEC
NE46100 NEC-NE46100 Datasheet
137Kb / 10P
NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
List of Unclassifed Man...
BRF480 ETC1-BRF480 Datasheet
46Kb / 6P
MEDIUM POWER SILICON MICROWAVE TRANSISTOR
B15V140 ETC1-B15V140 Datasheet
53Kb / 7P
MEDIUM POWER SILICON MICROWAVE TRANSISTOR
logo
NEC
NE64300 NEC-NE64300 Datasheet
265Kb / 6P
NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
California Eastern Labs
NE46100 CEL-NE46100 Datasheet
284Kb / 11P
NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
California Eastern Labs
2SC4536 CEL-2SC4536 Datasheet
640Kb / 10P
NPN MEDIUM POWER MICROWAVE TRANSISTOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com