Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33690DW Datasheet (PDF) - NXP Semiconductors

MC33690DW Datasheet PDF - NXP Semiconductors
Part # MC33690DW
Download  MC33690DW Download
File Size   470.33 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MC33690 Standalone Tag Reader Circuit

MC33690DW Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33690DW Datasheet PDF - NXP Semiconductors

Part # MC33690DW
Download  MC33690DW Click to download

File Size   470.33 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MC33690 Standalone Tag Reader Circuit

MC33690DW Datasheet (HTML) - NXP Semiconductors


MC33690DW Product details

The standalone tag reader circuit (STARC) is an integrated
circuit dedicated to the automotive immobilizer applications.
It combines the antenna drivers and demodulator necessary to
interface with a transponder.
A low dropout voltage regulator and a physical interface fully
compatible with the ISO 9141 norm are also available.
The STARC is fabricated with the SMARTMOSTM3.5
technology. This process is a double layer metal 1.4μm
45V technology, combining CMOS and bipolar devices.
• Contactless 125 kHz tag reader module:
– Self synchronous sample and hold demodulator
– Amplitude or phase modulation detection
– High sensitivity
– Fast read after write demodulator settling time
– Low resistance and high current antenna drivers, 2W @
150mA (typ.)
– Bidirectionnal data transmission
– Multi-tag, multi-scheme operation
• Low dropout voltage regulator:
– Wide input supply voltage range from 5.5V up to 40V
– Output current capability up to 150mA DC with an
external power transistor
– 5V output voltage with a ±5% accuracy
– Low voltage reset function
– Low current consumption in standby mode:
– 300μA (typ.)
• ISO 9141 transmitter and receiver module:
– Input voltage thresholds ratiometric to the supply
voltage
– Current limitation
– Output slew rate control
– No external protection device required




Similar Part No. - MC33690DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33690DW MOTOROLA-MC33690DW Datasheet
424Kb / 24P
Standalone Tag Reader Circuit
logo
Freescale Semiconductor...
MC33690DW FREESCALE-MC33690DW Datasheet
427Kb / 24P
Standalone Tag Reader Circuit
logo
NXP Semiconductors
MC33690DW NXP-MC33690DW Datasheet
471Kb / 26P
MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
MC33690DWE NXP-MC33690DWE Datasheet
471Kb / 26P
MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
More results


Similar Description - MC33690DW

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1201 DALLAS-DS1201 Datasheet
171Kb / 7P
Electronic Tag
logo
Motorola, Inc
MC33690 MOTOROLA-MC33690 Datasheet
424Kb / 24P
Standalone Tag Reader Circuit
logo
Glenair, Inc.
MS27741-2 GLENAIR-MS27741-2 Datasheet
75Kb / 1P
TAG Ring
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690 Datasheet
427Kb / 24P
Standalone Tag Reader Circuit
MC33690 FREESCALE-MC33690_07 Datasheet
379Kb / 26P
MC33690 Standalone Tag
logo
rfsolutions.ltd
RWD_QT RFSOLUTIONS-RWD_QT Datasheet
247Kb / 19P
The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
logo
Microchip Technology
TC2030-MCP MICROCHIP-TC2030-MCP Datasheet
408Kb / 1P
Tag-Connect In-Circuit Cable Legged Version
2010
logo
NXP Semiconductors
SC33690DS NXP-SC33690DS Datasheet
471Kb / 26P
MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
logo
Schneider Electric
XGSZCNFAC SCHNEIDER-XGSZCNFAC Datasheet
95Kb / 1P
SET OF BADGES FOR SETUP OF THE STANDALONE READER
Jan 7, 2021
logo
SparkFun Electronics
SEN-14066 SPARKFUN-SEN-14066 Datasheet
1Mb / 26P
Simultaneous RFID Tag Reader Hookup Guide
2/27/2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com