Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1408969 Datasheet (PDF) - PHOENIX CONTACT

1408969 Datasheet PDF - PHOENIX CONTACT
Part # 1408969
Download  1408969 Download
File Size   333.4 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Patch cable - NBC-R4AC/2,0-93B/R4AC

1408969 Datasheet (PDF)

Go To PDF Page Download Datasheet
1408969 Datasheet PDF - PHOENIX CONTACT

Part # 1408969
Download  1408969 Click to download

File Size   333.4 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Patch cable - NBC-R4AC/2,0-93B/R4AC

1408969 Datasheet (HTML) - PHOENIX CONTACT


1408969 Product details

Patch cable, degree of protection: IP20, cable length: 2 m, number of positions: 4, 100 Mbps,
CAT5, material: PA 6.6, PROFINET

Your advantages
• Compact angle
• Perfect for industrial applications
• PVC cable for flexible installations
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 1 Gbps (CAT5)




Similar Part No. - 1408969

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
140896-2 TEC-140896-2 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
logo
PHOENIX CONTACT
1408961 PHOENIX-1408961 Datasheet
395Kb / 10P
NBC-R4RC/1,0-94B/R4RC - Network cable
1408962 PHOENIX-1408962 Datasheet
395Kb / 10P
NBC-R4RC/2,0-94B/R4RC - Network cable
1408963 PHOENIX-1408963 Datasheet
395Kb / 10P
NBC-R4RC/10,0-94B/R4RC - Network cable
1408964 PHOENIX-1408964 Datasheet
395Kb / 10P
NBC-R4QC/5,0-94B/R4QC - Network cable
More results


Similar Description - 1408969

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408970 PHOENIX-1408970 Datasheet
506Kb / 5P
Patch cable - NBC-R4AC/5,0-93B/R4AC
1408360 PHOENIX-1408360 Datasheet
124Kb / 8P
Patch cable - NBC-R4AC/10G-R4AC/10G-94F/2,0
09/11/2020
1403929 PHOENIX-1403929 Datasheet
275Kb / 8P
Network cable - NBC-R4AC/2,0-94Z/R4AC
Jan 11, 2023
1408968 PHOENIX-1408968 Datasheet
333Kb / 8P
Patch cable - NBC-R4AC/1,0-93B/R4AC
1411854 PHOENIX-1411854 Datasheet
281Kb / 7P
Patch cable - NBC-R4AC-R4AC-IE8A/.../...
1407500 PHOENIX-1407500 Datasheet
679Kb / 18P
Network cable - NBC-M12MSD/ 2,0-93B/R4AC
1407533 PHOENIX-1407533 Datasheet
680Kb / 18P
NBC-M12FSD/ 2,0-93B/R4AC - Network cable
1408934 PHOENIX-1408934 Datasheet
372Kb / 10P
NBC-R4AC/2,0-93E/R4AC - Network cable
1408951 PHOENIX-1408951 Datasheet
397Kb / 10P
NBC-R4AC/2,0-94B/R4AC - Network cable
1158999 PHOENIX-1158999 Datasheet
464Kb / 11P
NBC-M8MRD/2,0-93B/R4AC - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com